データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM-TRLR-D データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 HM-TRLR-D
部品情報  Low cost, high performance , high reliability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

HM-TRLR-D データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HM-TRLR-D Datasheet HTML 5Page - List of Unclassifed Manufacturers HM-TRLR-D Datasheet HTML 6Page - List of Unclassifed Manufacturers HM-TRLR-D Datasheet HTML 7Page - List of Unclassifed Manufacturers HM-TRLR-D Datasheet HTML 8Page - List of Unclassifed Manufacturers HM-TRLR-D Datasheet HTML 9Page - List of Unclassifed Manufacturers HM-TRLR-D Datasheet HTML 10Page - List of Unclassifed Manufacturers HM-TRLR-D Datasheet HTML 11Page - List of Unclassifed Manufacturers HM-TRLR-D Datasheet HTML 12Page - List of Unclassifed Manufacturers HM-TRLR-D Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
HM-TRLR-D Series 100mW LoRa Transceiver
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
3.Channel frequency
HM-TRLR series module have different working frequencies according to its model.
The frequencies have divided to 16 channel. Frequencies list is as follow(Black said Jumper).
Select
Channel
433MHz Band
470MHz Band
868MHz Band
915MHZ Band
CH_1○○
CH_2○○
CH_3○○
CH_4○○
0
430000000.00
470000000.00
863000000.00
915000000.00
CH_1●●
CH_2○○
CH_3○○
CH_4○○
1
430500000.00
470400000.00
863500000.00
915500000.00
CH_1○○
CH_2●●
CH_3○○
CH_4○○
2
431000000.00
470800000.00
864000000.00
916000000.00
CH_1●●
CH_2●●
CH_3○○
CH_4○○
3
431500000.00
471200000.00
864500000.00
916500000.00
CH_1○○
CH_2○○
CH_3●●
CH_4○○
4
432000000.00
471600000.00
865000000.00
917000000.00
CH_1●●
5
432500000.00
472000000.00
865500000.00
917500000.00


同様の部品番号 - HM-TRLR-D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
Low cost, high performance , high reliability
More results

同様の説明 - HM-TRLR-D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
Low cost, high performance , high reliability
logo
PETERMANN-TECHNIK
M3514 PETERMANN-M3514 Datasheet
131Kb / 3P
HIGH RELIABILITY FOR LOW COST
M4318 PETERMANN-M4318 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
HC-49U PETERMANN-HC-49U Datasheet
166Kb / 2P
HIGH RELIABILITY FOR LOW COST
M3511 PETERMANN-M3511 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
TB38MHZ PETERMANN-TB38MHZ Datasheet
65Kb / 1P
HIGH RELIABILITY FOR LOW COST
SXO-03025 PETERMANN-SXO-03025 Datasheet
118Kb / 3P
HIGH RELIABILITY FOR LOW COST
ZTARS-MG-MX PETERMANN-ZTARS-MG-MX Datasheet
916Kb / 3P
High reliability for low cost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com