データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM-TRLR-S データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 HM-TRLR-S
部品情報  Low cost, high performance , high reliability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

HM-TRLR-S データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HM-TRLR-S Datasheet HTML 3Page - List of Unclassifed Manufacturers HM-TRLR-S Datasheet HTML 4Page - List of Unclassifed Manufacturers HM-TRLR-S Datasheet HTML 5Page - List of Unclassifed Manufacturers HM-TRLR-S Datasheet HTML 6Page - List of Unclassifed Manufacturers HM-TRLR-S Datasheet HTML 7Page - List of Unclassifed Manufacturers HM-TRLR-S Datasheet HTML 8Page - List of Unclassifed Manufacturers HM-TRLR-S Datasheet HTML 9Page - List of Unclassifed Manufacturers HM-TRLR-S Datasheet HTML 10Page - List of Unclassifed Manufacturers HM-TRLR-S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
HM-TRLR-S Series 100mW LoRa Transceiver
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
(二)Operation and Applications
1. Modulation mode
HM-TRLR series transceiver module can work with the traditional FSK/GFSK modulation mode, also can
work in LoRa modulation mode. The user according to the application requirements, can easily switch in
modulation mode. Use principle need large quantities of data use FSK/GFSK modulation; The occasion of long
distance transmission is required, use LoRa modulation.
2.Work mode
HM-TRLR series transceiver module has three work modes: running mode, configuration mode and sleep mode.
When the module work in the running mode, the user can send and receive data. When the module work in
configuration mode, the user can according to his requirement, through the AT command to change configuration
parameters. Sleep mode module into low power consumption mode.
Running mode timing scheme
Attention: During the modulation mode in LoRa receive buffer is full,the STATUS will lower the output to prompt
the user.
7


同様の部品番号 - HM-TRLR-S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
Low cost, high performance , high reliability
More results

同様の説明 - HM-TRLR-S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
Low cost, high performance , high reliability
logo
PETERMANN-TECHNIK
M3514 PETERMANN-M3514 Datasheet
131Kb / 3P
HIGH RELIABILITY FOR LOW COST
M4318 PETERMANN-M4318 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
HC-49U PETERMANN-HC-49U Datasheet
166Kb / 2P
HIGH RELIABILITY FOR LOW COST
M3511 PETERMANN-M3511 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
TB38MHZ PETERMANN-TB38MHZ Datasheet
65Kb / 1P
HIGH RELIABILITY FOR LOW COST
SXO-03025 PETERMANN-SXO-03025 Datasheet
118Kb / 3P
HIGH RELIABILITY FOR LOW COST
ZTARS-MG-MX PETERMANN-ZTARS-MG-MX Datasheet
916Kb / 3P
High reliability for low cost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com