データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM-TRP データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 HM-TRP
部品情報  Low cost, high performance , high reliability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

HM-TRP データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  HM-TRP Datasheet HTML 1Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 2Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 3Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 4Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 5Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 6Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 7Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 8Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HM-TRP Series 100mW Transceiver modules V1.0
3
33
3
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
5.
5.
5.
5. Maximum specifiction
Parameter
Min
Max
Unit
Power supply(VCC)
-0.3
+3.6
V
Storage temperature
-40
+150
Operate temperature
-40
+85
Reflow temperature
+260
6.
6.
6.
6. Parameter
Parameter
Condition
Min
Typical
Max
Unit
Power supply ( VCC)
2.4
3.3
3.6
V
Operate temperature
-40
25
85
HM-TRP-433
414
434
454
HM-TRP-470
450
470
490
HM-TRP-868
849
869
889
Operate frequency
HM-TRP-915
895
915
935
MHz
Max output power
18
20
dBm
Output range
1
20
dBm
FSK,Fdev=35K,
DR=1.2Kbps,
-117
-115
FSK,Fdev=35K,
DR=9.6Kbps,
-114
-112
FSK,Fdev=35K,
DR=40Kbps
-111
-109
Receive Sensitivity
FSK,Fdev=35K,
DR=100Kbps
-104
-102
dBm
20dBm output
power
100
120
Tx Current
14dBm output
power
40
50
mA
Rx Current
25
30
mA
Sleep Current
1
2
uA
Modulate data rate
1.2
115.2
Kbps
Modulate deviation
10
160
KHz
Receive bandwidth
30
620
KHz
UART Data Rate
1.2
115.2
Kbps
UART data bit
8
bit
UART stop bit
1
bit


同様の部品番号 - HM-TRP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
Low cost, high performance , high reliability
More results

同様の説明 - HM-TRP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
Low cost, high performance , high reliability
logo
PETERMANN-TECHNIK
M3514 PETERMANN-M3514 Datasheet
131Kb / 3P
HIGH RELIABILITY FOR LOW COST
M4318 PETERMANN-M4318 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
HC-49U PETERMANN-HC-49U Datasheet
166Kb / 2P
HIGH RELIABILITY FOR LOW COST
M3511 PETERMANN-M3511 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
TB38MHZ PETERMANN-TB38MHZ Datasheet
65Kb / 1P
HIGH RELIABILITY FOR LOW COST
SXO-03025 PETERMANN-SXO-03025 Datasheet
118Kb / 3P
HIGH RELIABILITY FOR LOW COST
ZTARS-MG-MX PETERMANN-ZTARS-MG-MX Datasheet
916Kb / 3P
High reliability for low cost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com