データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM-TRP データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 HM-TRP
部品情報  Low cost, high performance , high reliability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

HM-TRP データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  HM-TRP Datasheet HTML 1Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 2Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 3Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 4Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 5Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 6Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 7Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 8Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HM-TRP Series 100mW Transceiver modules V1.0
4
44
4
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
7.
7.
7.
7. LED function
The HM-TRP add the LED function for easier debug & function demo, thus the users can easily understand
whether the module is working or not or in any other status.
LED function:
1. The red and green LED will flash when there is power on if the module start working.
2. The module will be ready for Config status if ENABLE pin is low,CONFIG pin is low. It will be in
Config if the red and green LED keep lighting. The green and red LED will not keep lighting if the
module is not in Config mode.
3. The red LED flash when the module is in transmission ,the red LED will be off if the transmission
finished.
4. The green LED is off when the module is in receiving status, the green led will flash once if the module
receive data.
8.
8.
8.
8. Config Instruction
You need to Config the parameter and inquiry for different need to realize the function. The HM-TRP can
Config and inquiry for working frequency, wireless data rate , receiving ISM bandwidth, frequency
deviation, transmission power, UART transfer baud rate & RSSI signal reading etc.
Config and Inquiry methods:
The module will be ready for Config status if ENABLE pin is low,CONFIG pin is low. It will be in Config
if the red and green LED keep lighting. Then you can Config & inquiry on the module.
The Config instruction format is as AA FA+[instruction]+[parameter].The instruction is 1 byte,the
parameter is the HEX data of 0-4 byte which the high byte before the low byte.
The instruction’s transfer speed should keeps the same as the transfer speed of UART. The instruction’s
transfer speed will change accordingly if changes the transfer speed of UART .The range of transfer speed
of
the instruction is from 1.2Kbps –115.2K bps.
Config& Inquiry instruction description:
1. Instruction[F0]:
Reset to default parameter, no parameter follows
Config instruction:AA FA F0
2. Instruction[E1]:
Reading the current Config parameter, no parameter follows
Config instruction:AA FA E1
3. Instruction [D2]:
Set up working frequency,[parameter]4 byte,[parameter] Unit :Hz
Set up range:
HM-TRP-433: 414000000-454000000Hz
HM-TRP-470: 450000000-490000000Hz
HM-TRP-868: 849000000-889000000Hz


同様の部品番号 - HM-TRP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
Low cost, high performance , high reliability
More results

同様の説明 - HM-TRP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
Low cost, high performance , high reliability
logo
PETERMANN-TECHNIK
M3514 PETERMANN-M3514 Datasheet
131Kb / 3P
HIGH RELIABILITY FOR LOW COST
M4318 PETERMANN-M4318 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
HC-49U PETERMANN-HC-49U Datasheet
166Kb / 2P
HIGH RELIABILITY FOR LOW COST
M3511 PETERMANN-M3511 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
TB38MHZ PETERMANN-TB38MHZ Datasheet
65Kb / 1P
HIGH RELIABILITY FOR LOW COST
SXO-03025 PETERMANN-SXO-03025 Datasheet
118Kb / 3P
HIGH RELIABILITY FOR LOW COST
ZTARS-MG-MX PETERMANN-ZTARS-MG-MX Datasheet
916Kb / 3P
High reliability for low cost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com