データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM-TRP データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 HM-TRP
部品情報  Low cost, high performance , high reliability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

HM-TRP データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  HM-TRP Datasheet HTML 1Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 2Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 3Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 4Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 5Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 6Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 7Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 8Page - List of Unclassifed Manufacturers HM-TRP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HM-TRP Series 100mW Transceiver modules V1.0
5
55
5
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
HM-TRP-915: 895000000-935000000Hz
Example:
Config instruction: AA FA D2 36 89 CA C0, set up frequency as 915000000Hz
Config instruction: AA FA D2 19 DE 50 80, set up frequency as 434000000Hz
4. Instruction [C3]:
Set up wireless data rate,[parameter]4 byte,[parameter] unit :bps
Set up range:1200-115200 bps
Example:
Config instruction: AA FA C3 00 00 25 80,set up transfer speed as 9600bps
Config instruction: AA FA C3 00 00 96 00, set up transfer speed as 38400bps
5. Instruction[B4]:
Set up receiving bandwidth,[parameter]2 byte,[parameter]Unit :KHz
Set up range:30-620KHz
Example:
Config instruction: AA FA B4 00 69, set up receiving band as 105KHz
Config instruction: AA FA B4 01 2C, set up receiving band as 300KHz
6. Instruction[A5]:
Set up frequency deviation,[parameter]1 byte,[parameter]Unit :KHz
Set up range:10-160KHz
Example:
Config instruction: AA FA A5 23, set up modulation frequency as 35KHz
Config instruction: AA FA A5 32, set up modulation frequency as 50KHz
7. Instruction[96]:
Set up transmission power ,[parameter]1 byte,0~7level
Set up range:0-7level(1-20 dBm)
Example:
Config instruction: AA FA 96 07, set up transmission power as level 7 (+20 dBm)
Config instruction:AA FA 96 03, set up transmission power as level 3 (+8 dBm)
Transmission power level
Transmission power
7
+20dBm
6
+17dBm
5
+14dBm
4
+11dBm
3
+8dBm
2
+5dBm
1
+2dBm
0
+1dBm
Table1: Transmission level


同様の部品番号 - HM-TRP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
Low cost, high performance , high reliability
More results

同様の説明 - HM-TRP

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
Low cost, high performance , high reliability
logo
PETERMANN-TECHNIK
M3514 PETERMANN-M3514 Datasheet
131Kb / 3P
HIGH RELIABILITY FOR LOW COST
M4318 PETERMANN-M4318 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
HC-49U PETERMANN-HC-49U Datasheet
166Kb / 2P
HIGH RELIABILITY FOR LOW COST
M3511 PETERMANN-M3511 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST
TB38MHZ PETERMANN-TB38MHZ Datasheet
65Kb / 1P
HIGH RELIABILITY FOR LOW COST
SXO-03025 PETERMANN-SXO-03025 Datasheet
118Kb / 3P
HIGH RELIABILITY FOR LOW COST
ZTARS-MG-MX PETERMANN-ZTARS-MG-MX Datasheet
916Kb / 3P
High reliability for low cost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com