データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA04A データシート(PDF) 2 Page - Unisonic Technologies

部品番号 BTA04A
部品情報  4A TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA04A データシート(HTML) 2 Page - Unisonic Technologies

  BTA04A Datasheet HTML 1Page - Unisonic Technologies BTA04A Datasheet HTML 2Page - Unisonic Technologies BTA04A Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BTA04A
TRIACS
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R401-062.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
RMS On-State Current
(360° Conduction Angle)
TC=90°C
IT(RMS)
4
A
tp=8.3ms
42
A
Non Repetitive Surge Peak On-State
Current (TJ initial=25°C)
tp=10ms
ITSM
40
A
I
2t Value
tp=10ms
I
2t
8
A
2s
Repetitive F=50Hz
10
A/µs
Critical Rate of Rise of On-State Current:
IG=50mA, dIG/dt=0.1A/µs
Non Repetitive
dI/dt
50
A/µs
Repetitive Peak Off-State Voltage (TJ=110°C)
VDRM/VRRM
600
V
Peak Gate Current
tp=20µs
IGM
4
A
Peak Positive Gate Voltage
tp=20µs
VGM
16
V
Peak Positive Gate Power Dissipation
tp=20µs
PGM)
40
W
Average Gate Power Dissipation
PG(AV)
1
W
Operating Junction Temperature
TJ
-40~+110
°C
Storage Junction Temperature
TSTG
-40~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
60
°C/W
Junction to Case (AC)
θJC
2.7
°C/W
ELECTRICAL CHARACTERISTICS (TJ= 25°C, unless otherwise specified)
FOR SNUBBERLESS AND LOGIC LEVEL (3 QUADRANTS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Gate Trigger Current
IGT
I-II-III
10
mA
Gate Trigger Voltage
VGT
VD=12V (DC)
RL=33Ω TJ=25°C
I-II-III
1.5
V
Gate Non-Trigger Voltage
VGD
VD=VDRM, RL=3.3kΩ,
TJ=110°C
I-II-III
0.2
V
Time Gate Trigger
tGT
VD=VDRM, IG=40mA,
dIG/dt=0.5A/µs, TJ=25°C
I-II-III
2
µs
Holding Current (Note 1)
IH
IT=100mA, Gate Open, TJ=25°C
15
mA
I-III
10
mA
Latching Current
IL
IG=1.2IGT, TJ=25°C
II
20
mA
Peak On-State Voltage
(Note 1)
VTM
ITM=5.5A, tp=380μs,
TJ=25°C
1.65
V
IDRM
VDRM Rated, TJ=25°C
0.01
mA
Repetitive Peak Off-State Current
IRRM
VRRM Rated, TJ=110°C
0.75
mA
Critical Rate of Rise of Off-State Voltage
(Note 1)
dV/dt
Linear Slope up to VD=67%VDRM,
Gate Open, TJ=110°C
10
V/µs
Critical Rate of Rise of Off-State Voltage
at Commutation (Note 1)
(dV/dt)c
(dI/dt)c=1.8A/ms, TJ=110°C
1
V/µs
Note: For either polarity of electrode MT2 voltage with reference to electrode MT1.


同様の部品番号 - BTA04A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTA04A STMICROELECTRONICS-BTA04A Datasheet
69Kb / 5P
SENSITIVE GATE TRIACS
BTA04A STMICROELECTRONICS-BTA04A Datasheet
438Kb / 6P
SENSITIVE GATE TRIACS
More results

同様の説明 - BTA04A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
Z04 STMICROELECTRONICS-Z04 Datasheet
88Kb / 8P
4A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
4A TRIACS
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
4A TRIACs
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
4A Triacs
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com