データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-2010 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 M-2010
部品情報  High Reliability Thick Film Resistor,Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M-2010 データシート(HTML) 2 Page - Vishay Siliconix

  M-2010 Datasheet HTML 1Page - Vishay Siliconix M-2010 Datasheet HTML 2Page - Vishay Siliconix M-2010 Datasheet HTML 3Page - Vishay Siliconix M-2010 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
2
Document Number: 60031
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) 0705 and 0805 are the same (only use 0805 when ordering)
DIMENSIONS in inches
CASE SIZE
TERM
L
W
T
D
E
0402
B
0.042 ± 0.006
0.022 ± 0.005
0.010 to 0.033
0.010 ± 0.005
0.010 ± 0.005
0502
B
0.055 ± 0.005
0.025 ± 0.005
0.020 max.
0.010 ± 0.005
0.015 ± 0.005
0504
B
0.055 ± 0.005
0.040 ± 0.005
0.020 ± 0.005
0.010 ± 0.005
0.010 ± 0.005
0505
B
0.055 ± 0.006
0.050 ± 0.005
0.012 to 0.033
0.010 ± 0.005
0.015 ± 0.005
0603
B
0.064 ± 0.006
0.032 ± 0.005
0.010 to 0.033
0.012 ± 0.005
0.015 ± 0.005
0705, 0805 (1)
B
0.080 ± 0.006
0.050 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
1005
B
0.105 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
1010
B
0.105 ± 0.007
0.100 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
1206
B
0.126 ± 0.008
0.063 ± 0.005
0.015 to 0.033
0.020 + 0.005 / - 0.010
0.020 + 0.005 / - 0.010
1505
B
0.155 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
2010
B
0.197 ± 0.006
0.098 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
2208
B
0.230 ± 0.007
0.075 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
2512
B
0.250 ± 0.006
0.124 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
10
 R ± (%)
100 k
 R ± (%)
Thermal Shock
0.02
0.03
Short Term Overload
0.02
0.02
Low Temperature Operation
0.03
0.04
Resistance to Solder Heat
0.06
0.02
Moisture Resistance
0.10
0.08
High Temperature Exposure
0.02
0.02
DERATING CURVE
D
W
L
T
E
Ambient Temperature °C
070
125
155
0
20
40
60
80
100


同様の部品番号 - M-2010

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
M-201-T31 ETC-M-201-T31 Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
M-201-T33 ETC-M-201-T33 Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
M-201-T41 ETC-M-201-T41 Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
M-201-T43 ETC-M-201-T43 Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
More results

同様の説明 - M-2010

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
LPS800 VISHAY-LPS800_15 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor, Surface Mount Chip
Revision: 07-Aug-14
CZA VISHAY-CZA Datasheet
108Kb / 3P
   Thick Film Chip Resistor Attenuator, Surface Mount
Revision: 27-Apr-10
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
   THICK-FILM CHIP RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com