データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M-2010 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 M-2010
部品情報  High Reliability Thick Film Resistor,Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M-2010 データシート(HTML) 3 Page - Vishay Siliconix

  M-2010 Datasheet HTML 1Page - Vishay Siliconix M-2010 Datasheet HTML 2Page - Vishay Siliconix M-2010 Datasheet HTML 3Page - Vishay Siliconix M-2010 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
3
Document Number: 60031
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred packaging code
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: M-1206K5001GBT1
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
M- = High rel
cermet
thick film
wraparound
0402
0502
0504
0505
0603
0805
1005
1010
1206
1505
2010
2208
2512
K = 100 ppm/°C
M = 300 ppm/°C
X = 0
 jumper
First 3 digits are
significant figures
and the last digit
specifies
the
number of zeros
to
follow.
“R”
designates
the
decimal point.
Example:
10R0 = 10

1002 = 10 k
F = 1 %
G = 2 %
J = 5 %
K = 10 %
N = Not
trimmed
B = Wraparound
nickel barrier
with plated
tin/lead solder
S = Wraparound
nickel barrier
with plated
matte tin
lead (pb)-free
solder
G =Epoxy
bondable
BS = BULK
100 min., 1 mult
WS = WAFFLE
100 min., 1 mult
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (1)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
Historical Part Number example: M0505K1003JBT (for reference purposes only)
M
0505
K
1003
J
B
T
STYLE
CASE SIZE
TCR
CHARACTERISTIC
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
06
K
5
0
1
G
0
2
1
BT
1
M-


同様の部品番号 - M-2010

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
M-201-T ETC-M-201-T Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
M-201-T31 ETC-M-201-T31 Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
M-201-T33 ETC-M-201-T33 Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
M-201-T41 ETC-M-201-T41 Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
M-201-T43 ETC-M-201-T43 Datasheet
203Kb / 4P
   High flow,adjustable flow switch with right-angle flow
More results

同様の説明 - M-2010

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
LPS800 VISHAY-LPS800_15 Datasheet
104Kb / 4P
   High Reliability Thick Film Resistor, Surface Mount Chip
Revision: 07-Aug-14
CZA VISHAY-CZA Datasheet
108Kb / 3P
   Thick Film Chip Resistor Attenuator, Surface Mount
Revision: 27-Apr-10
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
   Thick Film Chip Resistor
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
   THICK-FILM CHIP RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com