データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AL1696 データシート(PDF) 12 Page - Diodes Incorporated

部品番号 AL1696
部品情報  HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1696 データシート(HTML) 12 Page - Diodes Incorporated

Back Button AL1696 Datasheet HTML 6Page - Diodes Incorporated AL1696 Datasheet HTML 7Page - Diodes Incorporated AL1696 Datasheet HTML 8Page - Diodes Incorporated AL1696 Datasheet HTML 9Page - Diodes Incorporated AL1696 Datasheet HTML 10Page - Diodes Incorporated AL1696 Datasheet HTML 11Page - Diodes Incorporated AL1696 Datasheet HTML 12Page - Diodes Incorporated AL1696 Datasheet HTML 13Page - Diodes Incorporated AL1696 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AL1696
Document number: DS38304 Rev. 1 - 2
12 of 14
www.diodes.com
October 2015
© Diodes Incorporated
AL1696
Package Outline Dimensions (All dimensions in mm.)
(1)
Package Type: SO-7
3.800(0.150)
4.000(0.157)
1.270(0.050)
TYP
4.700(0.185)
5.100(0.201)
0.330(0.013)
0.510(0.020)
0.150(0.006)
0.250(0.010)
0.080(0.003)
0.250(0.010)
1.350(0.053)
1.750(0.069)
0.450(0.017)
0.800(0.031)
5.800(0.228)
6.200(0.244)
2.54(0.100)
TYP
1.250(0.049)
1.500(0.059)
Note: Eject hole, oriented hole and mold mark is optional.
Option 2
45°
0.350(0.014)
TYP
Option 1


同様の部品番号 - AL1696

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
AL1692 DIODES-AL1692 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
DIMMABLE LED DRIVER
AL1692-10ES7-13 DIODES-AL1692-10ES7-13 Datasheet
320Kb / 14P
DIMMABLE LED DRIVER
AL1692-20CS7-13 DIODES-AL1692-20CS7-13 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
More results

同様の説明 - AL1696

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3448 TI1-LM3448 Datasheet
1Mb / 43P
Phase Dimmable Offline LED Driver with Integrated FET
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com