データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM341 データシート(PDF) 164 Page - Silicon Laboratories

部品番号 EM341
部品情報  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 データシート(HTML) 164 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 160Page - Silicon Laboratories EM341 Datasheet HTML 161Page - Silicon Laboratories EM341 Datasheet HTML 162Page - Silicon Laboratories EM341 Datasheet HTML 163Page - Silicon Laboratories EM341 Datasheet HTML 164Page - Silicon Laboratories EM341 Datasheet HTML 165Page - Silicon Laboratories EM341 Datasheet HTML 166Page - Silicon Laboratories EM341 Datasheet HTML 167Page - Silicon Laboratories EM341 Datasheet HTML 168Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 237 page
background image
EM341
Rev 1.0
165
TIM1_CCR4: Address: 0x4000E040 Reset: 0x0
TIM2_CCR4: Address: 0x4000F040 Reset: 0x0
Register 9.14. TIMx_CCR4
TIM1_CCR4: Timer 1 Capture/Compare Register 4
TIM2_CCR4: Timer 2 Capture/Compare Register 4
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
TIM_CCR
Bit
7
6
5
4
3
2
1
0
Name
TIM_CCR
Bitname
Bitfield
Access
Description
TIM_CCR
[15:0]
RW
See description in the TIMx_CCR1 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More