データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS12011ITD1022 データシート(PDF) 9 Page - Silicon Laboratories

部品番号 TS12011ITD1022
部品情報  Nanopower Op Amp, Comparator, and Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12011ITD1022 データシート(HTML) 9 Page - Silicon Laboratories

Back Button TS12011ITD1022 Datasheet HTML 5Page - Silicon Laboratories TS12011ITD1022 Datasheet HTML 6Page - Silicon Laboratories TS12011ITD1022 Datasheet HTML 7Page - Silicon Laboratories TS12011ITD1022 Datasheet HTML 8Page - Silicon Laboratories TS12011ITD1022 Datasheet HTML 9Page - Silicon Laboratories TS12011ITD1022 Datasheet HTML 10Page - Silicon Laboratories TS12011ITD1022 Datasheet HTML 11Page - Silicon Laboratories TS12011ITD1022 Datasheet HTML 12Page - Silicon Laboratories TS12011ITD1022 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TS12011/TS12012
TS12011/12 Rev. 1.0
Page 9
BLOCK DIAGRAM
THEORY OF OPERATION
The TS12011 and TS12012 are multi-purpose CMOS
building blocks intended for creating analog glue
functions around battery-powered uC systems. There
is an op amp for signal conditioning, a comparator for
detection, and a reference to establish detection
threshold levels. It’s possible to build a wide variety of
timers, event detectors, regulators, and voltage
monitors using these flexible uncommitted blocks.
Optimized for low-voltage operation, these devices
draw less than 1.6uA total from a 0.8V to 2.5V
supply. The op amp and comparator blocks typically
continue
to
function
down
to
less
than
0.5V
(REFOUT will go into dropout, however).
Comparator
The comparator block is designed for high gain and
chatter-free output switching in noisy environments.
The comparator inputs have rail-to-rail VIN range,
and exhibit +/-7.5mV of hysteresis.
The only
difference between the two device types is in the
output stage of the comparator. The TS12011 has a
push-pull output and latches in the high state. The
TS12012 has an open-drain output, latches in the low
state, and can tolerate pull-up voltages higher than
the
supply
(up
to
5.5V
absolute
max
above
VSS/GND).
TS12011 push-pull output driver was designed to
minimize supply-current surges while driving ±100µA
loads with an output swing to within 100mV of the
supply rails. The TS12011 and the TS12012 can sink
0.5mA and 1.4mA of current, respectively. The
TS12011 can source 0.1mA of current.
The non-traditional latch function works to detect and
latch changes in the input state. If the LHDET
control
input is enabled, the output will latch high (low for the
TS12012) whenever the differential input voltage is
high enough to force a change in that direction. If the
differential voltage is in the wrong direction to force a


同様の部品番号 - TS12011ITD1022

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS12011ITD1022T TOUCHSTONE-TS12011ITD1022T Datasheet
809Kb / 11P
A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
TS12011ITD1022TP TOUCHSTONE-TS12011ITD1022TP Datasheet
809Kb / 11P
A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
More results

同様の説明 - TS12011ITD1022

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
Nanopower Comparator with Reference
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
1.6V Nanopower Comparator with Internal Reference
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
Nanopower Comparator with Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
Nanopower Comparator with Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
Micropower Op Amp, Comparator and Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
Low-Power, Single-Supply Op Amp Comparator Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com