データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ECP150 データシート(PDF) 6 Page - XP Power Limited

部品番号 ECP150
部品情報  100W Convection Cooled Rating
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP150 データシート(HTML) 6 Page - XP Power Limited

  ECP150 Datasheet HTML 1Page - XP Power Limited ECP150 Datasheet HTML 2Page - XP Power Limited ECP150 Datasheet HTML 3Page - XP Power Limited ECP150 Datasheet HTML 4Page - XP Power Limited ECP150 Datasheet HTML 5Page - XP Power Limited ECP150 Datasheet HTML 6Page - XP Power Limited ECP150 Datasheet HTML 7Page - XP Power Limited ECP150 Datasheet HTML 8Page - XP Power Limited ECP150 Datasheet HTML 9Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Environmental
Thermal Derating Curve
Figure 9
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-20
+70
°C
See derating curve, fig.9
Storage Temperature
-40
+85
°C
Cooling
10
CFM
Forced Cooled > 100W
Humidity
5
95
%RH
Non-condensing
Operating Altitude
3000
m
Shock
±3 x 30g shocks in each plane, total 18 shocks.
30g = 11ms (+/- 0.5msecs), half sine. Conforms to
EN60068-2-27
Vibration
Single axis 10 - 500 Hz at 2g sweep and
endurance at resonance in all 3 planes.
Conforms to EN60068-2-6
-20
0
+70
+50
50
100
Ambient Temperature (ºC)
0
6
Environmental
xppower.com


同様の部品番号 - ECP150

メーカー部品番号データシート部品情報
logo
WJ Communication. Inc.
ECP100 WJCI-ECP100 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-G WJCI-ECP100D-G Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB1960 WJCI-ECP100D-PCB1960 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D-PCB2140 WJCI-ECP100D-PCB2140 Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
More results

同様の説明 - ECP150

メーカー部品番号データシート部品情報
logo
XP Power Limited
ECP180 XPPOWER-ECP180 Datasheet
1Mb / 9P
   120W Convection-cooled Rating
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
   100 W Convection Rating, 150 W Forcedcooled Rating
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
   Convection Cooled
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
   convection-cooled rectifier
logo
XP Power Limited
GCS150 XPPOWER-GCS150 Datasheet
370Kb / 4P
   Convection/Forcedcooled Ratings
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
   Rugged Convection Cooled System
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
   Convection & Forced Cooled Ratings
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com