データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F746VG データシート(PDF) 150 Page - STMicroelectronics

部品番号 STM32F746VG
部品情報  Up to 168 I/O ports with interrupt capability
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746VG データシート(HTML) 150 Page - STMicroelectronics

Back Button STM32F746VG Datasheet HTML 146Page - STMicroelectronics STM32F746VG Datasheet HTML 147Page - STMicroelectronics STM32F746VG Datasheet HTML 148Page - STMicroelectronics STM32F746VG Datasheet HTML 149Page - STMicroelectronics STM32F746VG Datasheet HTML 150Page - STMicroelectronics STM32F746VG Datasheet HTML 151Page - STMicroelectronics STM32F746VG Datasheet HTML 152Page - STMicroelectronics STM32F746VG Datasheet HTML 153Page - STMicroelectronics STM32F746VG Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 227 page
background image
Electrical characteristics
STM32F745xx STM32F746xx
150/227
DocID027590 Rev 4
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 43 or Figure 44,
depending on whether VREF+ is connected to VDDA or not. The 10 nF capacitors should be
ceramic (good quality). They should be placed them as close as possible to the chip.
Figure 43. Power supply and reference decoupling (VREF+ not connected to VDDA)
1. VREF+ input is available on all the packages except TFBGA100 whereas the VREF– is available only on
UFBGA176 and TFBGA216. When VREF- is not available, it is internally connected to VDDA and VSSA.
Figure 44. Power supply and reference decoupling (VREF+ connected to VDDA)
1. VREF+ input is available on all the packages except TFBGA100, whereas the VREF– is available only on
UFBGA176 and TFBGA216. When VREF- is not available, it is internally connected to VDDA and VSSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More