データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULQ2003A-Q1 データシート(PDF) 6 Page - Texas Instruments

部品番号 ULQ2003A-Q1
部品情報  High-Voltage High-Current Darlington Transistor Arrays
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ULQ2003A-Q1 データシート(HTML) 6 Page - Texas Instruments

Back Button ULQ2003A-Q1_15 Datasheet HTML 2Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 3Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 4Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 5Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 6Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 7Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 8Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 9Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
0
IC - Collector Current - mA
2.5
800
0
100
200
300
400
500
600
700
0.5
1
1.5
2
II = 350 µA
II = 500 µA
TA = 25°C
II = 250 µA
2
1.5
1
0.5
700
600
500
400
300
200
100
0
800
2.5
IC(tot) - Total Collector Current - mA
0
II = 250 µA
II = 350 µA
II = 500 µA
TA = 25°C
ULQ2003A-Q1, ULQ2004A-Q1
SGLS148E – DECEMBER 2002 – REVISED DECEMBER 2015
www.ti.com
6.7 Switching Characteristics, ULQ2003A and ULQ2004A
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 11
1
10
μs
tPHL
Propagation delay time, high- to low-level output
See Figure 11
1
10
μs
VOH
High-level output voltage after switching
VS = 50 V, IO = 300 mA, See Figure 12
VS – 500
mV
6.8 Dissipation Ratings
DERATING
TA = 25°C
FACTOR
TA = 85°C
TA = 105°C
TA = 125°C
PACKAGE
POWER
ABOVE
POWER RATING
POWER RATING
POWER RATING
RATING
TA = 25°C
D
950 mW
7.6 mW/°C
494 mW
342 mW
190 mW
6.9 Typical Characteristics
Figure 2. Collector-Emitter Saturation Voltage vs Total
Figure 1. Collector-Emitter Saturation Voltage vs Collector
Collector Current (Two Darlingtons in Parallel)
Current (One Darlington)
6
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: ULQ2003A-Q1 ULQ2004A-Q1


同様の部品番号 - ULQ2003A-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1_07 Datasheet
281Kb / 11P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CRRENT DARLINGTON TRANSISTOR ARRAY
More results

同様の説明 - ULQ2003A-Q1_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com