データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULQ2003A-Q1 データシート(PDF) 10 Page - Texas Instruments

部品番号 ULQ2003A-Q1
部品情報  High-Voltage High-Current Darlington Transistor Arrays
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ULQ2003A-Q1 データシート(HTML) 10 Page - Texas Instruments

Back Button ULQ2003A-Q1_15 Datasheet HTML 6Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 7Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 8Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 9Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 10Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 11Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 12Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 13Page - Texas Instruments ULQ2003A-Q1_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ULQ2003A: R
= 2.7 k
B
W
ULQ2004A: R
= 10.5 k
B
W
7.2 kW
3 kW
R
B
ULQ2003A-Q1, ULQ2004A-Q1
SGLS148E – DECEMBER 2002 – REVISED DECEMBER 2015
www.ti.com
Functional Block Diagram (continued)
A.
All resistor values shown are nominal.
B.
The collector-emitter diode is a parasitic structure and should not be used to conduct current. If the collector(s) go
below ground an external Schottky diode should be added to clamp negative undershoots.
Figure 14. Schematics (Each Darlington Pair)
8.3 Feature Description
Each channel of the ULQ200xA-Q1 devices consist of Darlington connected NPN transistors. This connection
creates the effect of a single transistor with a very high-current gain (
β2). This can be as high as 10,000 A/A at
certain currents. The very high
β allows for high-output current drive with a very low input current, essentially
equating to operation with low GPIO voltages.
The GPIO voltage is converted to base current through the 2.7-k
Ω or 10.5-kΩ resistor connected between the
input and base of the predriver Darlington NPN. The 7.2-k
Ω and 3-kΩ resistors connected between the base and
emitter of each respective NPN act as pulldowns and suppress the amount of leakage that may occur from the
input.
The diodes connected between the output and COM pin is used to suppress the kick-back voltage from an
inductive load that is excited when the NPN drivers are turned off (stop sinking) and the stored energy in the
coils causes a reverse current to flow into the coil supply through the kick-back diode.
In normal operation the diodes on base and collector pins to emitter will be reversed biased. If these diodes are
forward biased, internal parasitic NPN transistors will draw (a nearly equal) current from other (nearby) device
pins.
8.4 Device Functional Modes
8.4.1 Inductive Load Drive
When the COM pin is tied to the coil supply voltage, ULQ200xA-Q1 devices are able to drive inductive loads and
suppress the kick-back voltage through the internal free-wheeling diodes.
8.4.2 Resistive Load Drive
When driving a resistive load, a pullup resistor is needed in order for the ULQ200xA-Q1 devices to sink current
and for there to be a logic high level. The COM pin can be left floating for these applications.
10
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: ULQ2003A-Q1 ULQ2004A-Q1


同様の部品番号 - ULQ2003A-Q1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1_07 Datasheet
281Kb / 11P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CRRENT DARLINGTON TRANSISTOR ARRAY
More results

同様の説明 - ULQ2003A-Q1_15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com