| データシートサーチシステム |
|
VX6854LC データシート(PDF) 111 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6854LC データシート(HTML) 111 Page - STMicroelectronics |
|
111 / 114 page ![]() DocID027110 Rev 2 111/114 VX6854LC User precaution 111 15 User precaution As is common with many CMOS imagers the camera should not be pointed at bright static objects for long periods of time as permanent damage to the sensor may occur. 16 Acronyms and abbreviations Table 69. Acronyms and abbreviations Acronym/ abbreviation Definition CCP Compact Camera Port CCI Camera Control Interface CSI Camera Serial Interface EDOF Extended Depth of Field EMI Electro Magnetic Interference EOF End of Frame FE Frame End fps Frames per second FS Frame Start HWA Hardware Accelerator I2C Inter ICbus LSB Least Significant Byte LVDS Low Voltage Differential Signaling Mbps Megabits per second MSB Most Significant Byte MSP Manufacturer Specific Pixels PCK Pixel Clock PCM Pulse Code Modulation PLL Phase Locked Loop RO Read Only RW Read/Write SMIA Standard Mobile Imaging Architecture SOF Start of Frame SubLVDS Sub-Low Voltage Differential Signaling |