| データシートサーチシステム |
|
VX6953CB データシート(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VX6953CB データシート(HTML) 105 Page - STMicroelectronics |
|
105 / 107 page ![]() 8209023 Rev 5 105/107 VX6953CB Acronyms and abbreviations 17 Acronyms and abbreviations Table 64. Acronyms and abbreviations Acronym/ abbreviation Definition CCP Compact camera port CCI Camera control interface CSI Camera serial interface EDOF Extended depth of field EMI Electromagnetic interference EOF End of frame FE Frame end fps Frames per second FS Frame start HWA Hardware accelerator I2C Inter ICbus LE Line end LS Line start LSB Least significant byte LVDS Low voltage differential signalling Mbps Megabits per second MSB Most significant byte MSP Manufacturer specific pixels PCK Pixel clock PCM Pulse code modulation PLL Phase locked loop RO Read only RW Read/write SMIA Standard mobile imaging architecture SOF Start of frame SubLVDS Sub-low voltage differential signalling |