データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL9020 データシート(PDF) 4 Page - Axiomtek Co., Ltd.

部品番号 EL9020
部品情報  Hardened 10/100/1000BASE-TX to Gigabit SFP Media Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AXIOMTEK [Axiomtek Co., Ltd.]
ホームページ  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL9020 データシート(HTML) 4 Page - Axiomtek Co., Ltd.

  EL9020 Datasheet HTML 1Page - Axiomtek Co., Ltd. EL9020 Datasheet HTML 2Page - Axiomtek Co., Ltd. EL9020 Datasheet HTML 3Page - Axiomtek Co., Ltd. EL9020 Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EL9020 Series
www.EtherWAN.com
4
rev. A1.1
Ordering Information
Model
EL9020-00B
10/100/1000BASE-TX to Gigabit SFP Hardened Media Converter
* DIN-Rail mounting kit included
OptionalAccessories
KP-AA96-480
Panel mounting kit
DR-30-24
30W/1.5A DIN-Rail 24VDC Industrial Power Supply (For Terminal Block)
DR-60--24
60W/2.5A DIN-Rail 24VDC Industrial Power Supply (For Terminal Block)
DR-75-24
75W/3.2A DIN-Rail 24VDC Industrial Power Supply (For Terminal Block)
DR-120-24
120W/5A DIN-Rail 24VDC Industrial Power Supply (For Terminal Block)
41-136046-X
36W/3A 12VDC hardened power adapter with open wire in aluminum housing (For Terminal Block);
(X) = 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA
41-136044-X
36W/3A 12VDC hardened power adapter with latched DC jack in aluminum housing (For DC Jack);
(X) = 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA
HardenedSFPGigabitFiberTranceivers
PartNumber
TypicalDistance
Wavelength(nm)
CableType
Conwnector
EX-1250NSP-SB1L-A
275M/550M
850
MM
Duplex LC
EX-1250TSP-MB4L-A
10KM
1310
SM
Duplex LC
EX-1250TSP-NB6L-A
40KM
1310
SM
Duplex LC
EX-1250TSP-KB8L-A
70KM
1550
SM
Duplex LC
EX-1250TBP-MB1L-A
550M
TX:1310 / RX:1550
MM WDM-A
LC
EX-1250TBP-LB1L-A
550M
TX:1550 / RX:1310
MM WDM-B
LC
EX-1250TBP-MB4L-A
10KM
TX:1310 / RX:1550
SM WDM-A
LC
EX-1250TBP-KB4L-A
10KM
TX:1550 / RX:1310
SM WDM-B
LC
EX-1250TBP-MB5L-A
20KM
TX:1310 / RX:1550
SM WDM-A
LC
EX-1250TBP-KB5L-A
20KM
TX:1550 / RX:1310
SM WDM-B
LC
*More SFP options also available upon request.


同様の部品番号 - EL9020

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
   Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
   Hardened 10/100BASE-TX to 100BASE-FX Media Converter
More results

同様の説明 - EL9020

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
EL9100 AXIOMTEK-EL9100 Datasheet
565Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL9100 AXIOMTEK-EL9100_17 Datasheet
819Kb / 4P
   Hardened 10/100/1000BASE-TX to 1000BASE-SX/LX/BX Media Converter
EL2242 AXIOMTEK-EL2242 Datasheet
228Kb / 3P
   Hardened PoE 10/100/1000BASE-T to 100/1000BASE Dual Rate Media Converter
EL2321 AXIOMTEK-EL2321_17 Datasheet
779Kb / 4P
   Managed 10/100/1000BASE-TX to 100BASE/1000BASE-X Dual Rate Media Converter
EL2321 AXIOMTEK-EL2321 Datasheet
373Kb / 4P
   Managed 10/100/1000BASE-TX to 100BASE/1000BASE-X Dual Rate Media Converter
logo
Tripp Lite. All Rights ...
N785-H01-SFP TRIPPLITE-N785-H01-SFP Datasheet
47Kb / 4P
   Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C
logo
Axiomtek Co., Ltd.
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
   Hardened 10/100BASE-TX to 100BASE-FX Media Converter
logo
Glenair, Inc.
050_103 GLENAIR-050_103 Datasheet
207Kb / 4P
   10/100/1000BASE-T to 1000BASE-SX/LX10 Media Converter
logo
Tripp Lite. All Rights ...
N785-H01-SFP-D TRIPPLITE-N785-H01-SFP-D Datasheet
47Kb / 3P
   Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C, DC Power
logo
Axiomtek Co., Ltd.
EL9000 AXIOMTEK-EL9000 Datasheet
564Kb / 4P
   Hardened 1000BASE-T to 1000BASE-SX/LX/BX Media Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com