データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMA-162LN データシート(PDF) 2 Page - Mini-Circuits

部品番号 CMA-162LN
部品情報  Monolithic Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-162LN データシート(HTML) 2 Page - Mini-Circuits

  CMA-162LN Datasheet HTML 1Page - Mini-Circuits CMA-162LN Datasheet HTML 2Page - Mini-Circuits CMA-162LN Datasheet HTML 3Page - Mini-Circuits CMA-162LN Datasheet HTML 4Page - Mini-Circuits CMA-162LN Datasheet HTML 5Page - Mini-Circuits CMA-162LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ultra Low Noise, High IP3
Monolithic Amplifier
Page 2 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
simplified schematic and pad description
Function
Pad Number
Description
RF IN
3
Connects to RF input via C1 and Pad 2 via L1
RF-OUT
6
Connects to RF out via C2, Pad 8 via R1, and C3
RF-Ground
2
Connects to ground via C4 and Pad 3 via L1
Bias
1
Connects to Supply voltage (Vs) via Rbias
Feedback
8
Connected to pads 6, 1 via R1 and C3
Ground
7 & paddle
Connects to ground
Not connected
4,5
Recommend connection to ground
Product Features
• Low Noise figure, 0.5 dB at 1 GHz
• High IP3, 30 dBm typ. at 1 GHz
• Adjustable gain, 19.7-23.5 dB at 1 GHz
• High Pout, P1dB 20 dBm typ. at 1 GHz
• Class 1B HBM ESD rating (500V)
• Small size - 3mm x 3mm x 1.14mm
• Ceramic, hermetic, Nitrogen filled
• No external matching components required
REV. B
M155058
CMA-162LN+
BT/CP
160222
General Description
The CMA-162LN+ amplifier is fabricated using E-PHEMT technology and offers extremely high dynamic
range with ultra low noise figure and good input and output return loss. Terminal finish is Ni-Pd-Au and
it has repeatable performance from lot to lot due to fully automated, tightly controlled semiconductor and
assembly processes.
Typical Applications
• Base station infrastructure
• Portable Wireless
• LTE
• GPS
• GSM
• Airborne radar
3
1
4,5,7 paddle
RF-Out and DC-IN
8
6
RF-IN
2
RF-Ground
Ground
Bias Feedback
CMA-162LN+
CASE STYLE: DL1721
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
1
4
3
2
8
5
6
7
GND
Bias
RF
In
NC
Gnd
NC
RF
Out, DC
Top View
RF
Gnd
Feed
Back
0.7-1.6 GHz
* Enhancement mode pseudomorphic High Electron Mobility Transistor.


同様の部品番号 - CMA-162LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
CMA-103 MINI-CMA-103 Datasheet
608Kb / 5P
   Monolithic Amplifier
CMA-103++ MINI-CMA-103+ Datasheet
608Kb / 5P
   Monolithic Amplifier
logo
Teledyne Technologies I...
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
More results

同様の説明 - CMA-162LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
   Monolithic Amplifier
GVA-63 MINI-GVA-63 Datasheet
270Kb / 5P
   Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
   Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
   Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
   Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
   Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
   Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
   Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com