データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMA-162LN データシート(PDF) 3 Page - Mini-Circuits

部品番号 CMA-162LN
部品情報  Monolithic Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-162LN データシート(HTML) 3 Page - Mini-Circuits

  CMA-162LN Datasheet HTML 1Page - Mini-Circuits CMA-162LN Datasheet HTML 2Page - Mini-Circuits CMA-162LN Datasheet HTML 3Page - Mini-Circuits CMA-162LN Datasheet HTML 4Page - Mini-Circuits CMA-162LN Datasheet HTML 5Page - Mini-Circuits CMA-162LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 3 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Parameter
Ratings
Operating Temperature (ground lead)
-55°C to 105°C
Storage Temperature
-65°C to 125°C
Junction Temperature
150°C
Total Power Dissipation
0.55 W
Input Power (CW), Vd=4V
25 dBm
DC Voltage
5.5V
Note:
(5) Permanent damage may occur if any of these limits are exceeded.
Electrical maximum ratings are not intended for continuous normal operation.
Absolute Maximum Ratings(5)
Electrical Specifications(1,2) at 25°C and 4V, unless noted
CMA-162LN+
(1) Measured on Mini-Circuits Characterization test board TB-756+. See Characterization Test Circuit (Fig. 1) R1=267Ω
(2) Measured on Mini-Circuits Characterization test board TB-756+. See Characterization Test Circuit (Fig. 1) R1=93Ω
(3) Current increases at P1dB
(4) (Current at 85°C - Current at -45°C)/130
DC Current (mA)
Parameter
Condition (GHz)
R1=267Ω (1)
R1=93Ω (2)
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
0.7
1.6
0.7
1.6
GHz
Noise Figure
0.7
0.62
0.62
dB
0.8
0.53
0.50
1.0
0.49
0.44
1.3
0.55
0.59
1.6
0.76
0.70
Gain
0.7
25.2
23.4
dB
0.8
24.7
22.8
1.0
20.9
23.2
24.5
21.4
1.3
21.0
19.7
1.6
19.1
18.2
Input Return Loss
0.7
13.9
14.9
dB
0.8
24.0
28.4
1.0
15.0
17.3
1.3
11.0
12.6
1.6
9.7
10.9
Output Return Loss
0.7
14.2
23.1
dB
0.8
16.8
19.3
1.0
19.8
18.2
1.3
15.0
15.5
1.6
9.8
11.1
Output Power @1dB compression (3)
0.7
19.5
18.3
dBm
0.8
19.8
18.9
1.0
19.9
19.7
1.3
19.7
19.8
1.6
18.8
19.0
Output IP3
0.7
29.1
28.3
dBm
0.8
30.3
29.5
1.0
30.3
29.0
1.3
30.1
29.2
1.6
29.4
28.5
Device Operating Voltage
3.8
4.0
4.2
3.8
4.0
4.2
V
Device Operating Current at 4V
55
60
55
60
mA
DC Current Variation Vs. Temp. at 4V (4)
2
2
µA/°C
DC Current Variation Vs. Voltage at 25°C
0.016
0.016
mA/mV
Thermal Resistance
53
53
°C/W


同様の部品番号 - CMA-162LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
CMA-103 MINI-CMA-103 Datasheet
608Kb / 5P
   Monolithic Amplifier
CMA-103++ MINI-CMA-103+ Datasheet
608Kb / 5P
   Monolithic Amplifier
logo
Teledyne Technologies I...
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
More results

同様の説明 - CMA-162LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
   Monolithic Amplifier
GVA-63 MINI-GVA-63 Datasheet
270Kb / 5P
   Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
   Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
   Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
   Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
   Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
   Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
   Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com