データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMA-162LN データシート(PDF) 4 Page - Mini-Circuits

部品番号 CMA-162LN
部品情報  Monolithic Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-162LN データシート(HTML) 4 Page - Mini-Circuits

  CMA-162LN Datasheet HTML 1Page - Mini-Circuits CMA-162LN Datasheet HTML 2Page - Mini-Circuits CMA-162LN Datasheet HTML 3Page - Mini-Circuits CMA-162LN Datasheet HTML 4Page - Mini-Circuits CMA-162LN Datasheet HTML 5Page - Mini-Circuits CMA-162LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 4 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
CMA-162LN+
Fig 1. Application and Characterization circuit
Note: This block diagram is used for characterization. (DUT soldered on Mini-Circuits Characterization test board TB-756+)
Gain, Return loss, Output power at 1dB compression (P1 dB) , output IP3 (OIP3) and noise figure measured using Agilent’s N5242A
PNA-X microwave network analyzer.
Conditions:
1. Gain and Return loss: Pin= -25dBm
2. Output IP3 (OIP3): Two tones, spaced 1 MHz apart, 0 dBm/tone at output.
Recommended Application and Characterization Test Circuit
Rbias
4,5,7, paddle
TB-756+
3
2
1
6
8
Product Marking
MCL
CMA-
162LN+
DC YYWW
ceramic body
model
Suggested PCB Layout (PL-404)


同様の部品番号 - CMA-162LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
CMA-103 MINI-CMA-103 Datasheet
608Kb / 5P
Monolithic Amplifier
CMA-103++ MINI-CMA-103+ Datasheet
608Kb / 5P
Monolithic Amplifier
logo
Teledyne Technologies I...
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
Amplifier 8 GHz - 18 GHz
More results

同様の説明 - CMA-162LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
Monolithic Amplifier
GVA-63 MINI-GVA-63 Datasheet
270Kb / 5P
Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
Monolithic Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com