データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CMA-162LN データシート(PDF) 6 Page - Mini-Circuits

部品番号 CMA-162LN
部品情報  Monolithic Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

CMA-162LN データシート(HTML) 6 Page - Mini-Circuits

  CMA-162LN Datasheet HTML 1Page - Mini-Circuits CMA-162LN Datasheet HTML 2Page - Mini-Circuits CMA-162LN Datasheet HTML 3Page - Mini-Circuits CMA-162LN Datasheet HTML 4Page - Mini-Circuits CMA-162LN Datasheet HTML 5Page - Mini-Circuits CMA-162LN Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 6 of 6
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
CMA-162LN+
ESD Rating
Human Body Model (HBM): Class 1B (500 to <1000V) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 (pass 25V) in accordance with ANSI/ESD STM5.2-1999
MSL Rating
Moisture Sensitivity: MSL1 (these parts are hermetic, air cavity and therefore, MSL ratings do not strictly
apply. For handling purpose, use MSL1)
Additional Detailed Technical Information
additional information is available on our dash board. To access this information
click here
Performance Data
Data Table
Swept Graphs
S-Parameter (S2P Files) Data Set (.zip file)
Case Style
DL1721
Ceramic package, exposed paddle, Terminla finish: NiPdAu
Tape & Reel
F66-1
Standard quantities available on reel
7” reels with 20, 50, 100, 200, 500 or 1K, 2K devices.
Suggested Layout for PCB Design
PL-404
Evaluation Board
TB-756+
Environmental Ratings
ENV-68
Qualification Testing
Test Description
Test Method/Process
Results
1
Hermeticity (fine and gross leak)
MIL-STD-202 Method 112, Cond. C & D
Pass
2
Acceleration, 30Kg, Y1 Direction
MIL-STD-883 Method 2001 Cond. E
Pass
3
Vibration , 10-2000Hz sine, 20g, 3 axis
MIL-STD-202 Method 204, Cond. D
Pass
4
Mechanical shock
MIL-STD-202 Method 213, Cond . A
Pass
5
PIND 20G’s @130 Hz
MIL-STD-750 Method 2052.2
Pass
6
Temp Cycle -55C/+125C, 1000 Cycles
MIL-STD-202 Method 107
Pass
7
Autoclave, 121C, RH 100%, 15 Psig, 96 hrs
JESD22-A102C
Pass
8
HTOL, 1000hrs, 105C at rated Voltage condition
MIL-STD-202 Method 108, Cond . D
Pass
9
Bend Test
JESD22-B113
Pass
10
Resistance to soldering heat, 3x reflow, 260C peak
JESD22-B102
Pass
11
Drop Test
JESD22-B111
Pass
12
Adhesion Strength
Push Test>10 lb
Pass
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended
to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s
applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms
and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits
contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder,
please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp


同様の部品番号 - CMA-162LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
CMA-103 MINI-CMA-103 Datasheet
608Kb / 5P
   Monolithic Amplifier
CMA-103++ MINI-CMA-103+ Datasheet
608Kb / 5P
   Monolithic Amplifier
logo
Teledyne Technologies I...
CMA-18-8007 TELEDYNE-CMA-18-8007 Datasheet
892Kb / 2P
   Amplifier 8 GHz - 18 GHz
More results

同様の説明 - CMA-162LN

メーカー部品番号データシート部品情報
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
   Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
   Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
   Monolithic Amplifier
GVA-63 MINI-GVA-63 Datasheet
270Kb / 5P
   Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
   Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
   Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
   Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
   Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
   Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
   Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
   Monolithic Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com