データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

29471 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 29471
部品情報  24 AWG stranded (7x32) TC conductors, Datalene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

29471 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  29471 Datasheet HTML 1Page - List of Unclassifed Manufacturers 29471 Datasheet HTML 2Page - List of Unclassifed Manufacturers 29471 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8162 Paired - Low Capacitance Computer Cable for EIA RS-232/422 & Digital
Outer Shield Type
Tape/Braid
Outer Shield Material :
Layer Number
Material Trade Name
Type
Material
% Coverage (%)
1
Beldfoil®
Tape
Aluminum Foil-Polyester
Tape
100
2
Braid
TC - Tinned Copper
65
Outer Shield %Coverage
100 %
OUTER JACKET:
Outer Jacket Material
PVC - Polyvinyl Chloride
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.343 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-40°C To +60°C
Non-UL Temperature Rating
60°C (UL AWM Style 2493)
Bulk Cable Weight
66 lbs/1000 ft.
Max. Recommended Pulling Tension
63 lbs.
Min. Bend Radius (Install)
3.5 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CM
CEC/C(UL) Specification
CM
AWM Specification
UL Style 2493 (300 V 60°C)
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
FLAME TEST:
UL Flame Test
VW-1, UL1685 UL Loading
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
100 Ohms
Nom. Capacitance Conductor to Conductor @ 1 KHz
12.5 pF/ft
Nom. Cap. Cond. to Other Cond. & Shield @ 1 KHz
22 pF/ft
Nominal Velocity of Propagation
78 %
Nom. Conductor DC Resistance @ 20 Deg. C
24.0 Ohms/1000 ft
Ind. Pair Nominal Shield DC Resistance @ 20 Deg. C
18 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg. C
4.3 Ohms/1000 ft
Page 2 of 3


同様の部品番号 - 29471

メーカー部品番号データシート部品情報
logo
ERNI Electronics
294710 ERNI-294710 Datasheet
93Kb / 1P
   FEDERLEISTE M 60-4 EE
logo
PHOENIX CONTACT
2947103 PHOENIX-2947103 Datasheet
63Kb / 2P
   Electronic housing - P 1-EMG100
logo
ERNI Electronics
294711 ERNI-294711 Datasheet
84Kb / 1P
   FEDERLEISTE M 24-8 LOT
logo
PHOENIX CONTACT
2947116 PHOENIX-2947116 Datasheet
50Kb / 2P
   Electronic housing - EMG 12-H 7,5MM KLAR
11/05/2018
logo
ERNI Electronics
294712 ERNI-294712 Datasheet
78Kb / 1P
   FEDERLEISTE M 6-10
More results

同様の説明 - 29471

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344571 ETC2-1344571 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347871 ETC2-1347871 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347816 ETC2-1347816 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1346359 ETC2-1346359 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351274 ETC2-1351274 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com