データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF4001 データシート(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

部品番号 UF4001
部品情報  Ultra Fast Switching Speed For High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
ホームページ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UF4001 データシート(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UF4001 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UF4001 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF4001
THRU
UF4007
1 Amp Ultra Fast
Recovery Rectifier
50 to 1000 Volts
Features
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UF4001
---
50V
35V
50V
UF4002
---
100V
70V
100V
UF4003
---
200V
140V
200V
UF4004
---
400V
280V
400V
UF4005
---
600V
420V
400V
UF4006
---
800V
560V
800V
UF4007
---
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
UF4001-4003
UF4004
VF
1. 0 V
1. 7V
IFM = 1.0A;
TA = 25
°C
Maximum Reverse
Recovery Time
Trr
50ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
UF4001-4004
UF4005-4007
CJ
20pF
10pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300 sec, Duty Cycle 1%
DO-41
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
UF4005-4007
1. 3 V
UF4001-4004
UF4005-4007
75ns
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
μA
100
μA
TA = 25
°C
TA = 100
°C
High Surge Capability
Low Leakage
Low Forward Voltage Drop
Ultra Fast Switching Speed For High Efficiency
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
Typical Thermal Resistance 25
°C/W


同様の部品番号 - UF4001

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
UF4001 EIC-UF4001 Datasheet
52Kb / 2P
   UTRAFAST EFFICIENT RECTIFIER DIODES
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
UF4001 DYELEC-UF4001 Datasheet
968Kb / 2P
   1.0 AMP. Ultra Fast Rectifiers
logo
List of Unclassifed Man...
UF4001 ETC1-UF4001 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Suntan Capacitors
UF4001 SUNTAN-UF4001 Datasheet
296Kb / 2P
   FAST RECOVERY RECTIFIER
More results

同様の説明 - UF4001

メーカー部品番号データシート部品情報
logo
DONGGUAN YOU FENG WEI E...
FR101 YFWDIODE-FR101 Datasheet
112Kb / 3P
   Fast Switching Speed For High Efficiency
logo
DIOTEC Electronics Corp...
HER601 DEC-HER601 Datasheet
899Kb / 2P
   Ultra fast switching for high efficiency
UF201 DEC-UF201 Datasheet
781Kb / 2P
   Ultra fast switching for high efficiency
US2A DEC-US2A Datasheet
689Kb / 2P
   Ultra fast switching for high efficiency
HER101 DEC-HER101 Datasheet
830Kb / 2P
   Ultra fast switching for high efficiency
HER301 DEC-HER301 Datasheet
820Kb / 2P
   Ultra fast switching for high efficiency
logo
DONGGUAN YOU FENG WEI E...
MUR105 YFWDIODE-MUR105 Datasheet
81Kb / 3P
   Super Fast Switching Speed For High Efficiency
logo
Shanghai Leiditech Elec...
FR101 LEIDITECH-FR101 Datasheet
463Kb / 3P
   High Current Capability Fast Switching Speed For High Efficiency
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
   Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
   Fast switching for high efficiency
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com