データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF4001 データシート(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

部品番号 UF4001
部品情報  Ultra Fast Switching Speed For High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
ホームページ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UF4001 データシート(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UF4001 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UF4001 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF4001 thru UF4007
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
40
Pulse width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
0.6
0
50
0.2
1.0
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE , C
0.8
0.4
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
0.01
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
UF4001 - UF4003
UF4005 - UF4007
UF4004
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
100
10
1.0
4
UF4005 to UF4007
UF4001 to UF4004
TJ = 25 C, f= 1MHz


同様の部品番号 - UF4001

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Jinan Gude Electronic D...
UF4001 JGD-UF4001 Datasheet
160Kb / 2P
1.0 AMP. ULTRA FAST RECTIFIERS
logo
Fairchild Semiconductor
UF4001 FAIRCHILD-UF4001 Datasheet
38Kb / 3P
1.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Dc Components
UF4001 DCCOM-UF4001 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF ULTRA FAST RECTIFIER
logo
General Semiconductor
UF4001 GE-UF4001 Datasheet
44Kb / 2P
ULTRAFAST EFFICIENT PLASTIC RECTIFIER
More results

同様の説明 - UF4001

メーカー部品番号データシート部品情報
logo
DIOTEC Electronics Corp...
FR101 DEC-FR101 Datasheet
670Kb / 2P
Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
Fast switching for high efficiency
HER101 DEC-HER101 Datasheet
830Kb / 2P
Ultra fast switching for high efficiency
HER301 DEC-HER301 Datasheet
820Kb / 2P
Ultra fast switching for high efficiency
HER601 DEC-HER601 Datasheet
899Kb / 2P
Ultra fast switching for high efficiency
UF201 DEC-UF201 Datasheet
781Kb / 2P
Ultra fast switching for high efficiency
US2A DEC-US2A Datasheet
689Kb / 2P
Ultra fast switching for high efficiency
logo
DONGGUAN YOU FENG WEI E...
FR101 YFWDIODE-FR101 Datasheet
112Kb / 3P
Fast Switching Speed For High Efficiency
MUR105 YFWDIODE-MUR105 Datasheet
81Kb / 3P
Super Fast Switching Speed For High Efficiency
logo
Shanghai Leiditech Elec...
FR101 LEIDITECH-FR101 Datasheet
463Kb / 3P
High Current Capability Fast Switching Speed For High Efficiency
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com