データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1351316 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 1351316
部品情報  24 AWG stranded (7x32) tinned copper conductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

1351316 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  1351316 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1351316 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1351316 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation, multi-paired cable with
overall Beldfoil® (100% coverage) + TC braid shield (65% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
3
24
7x32
TC - Tinned Copper
Insulation
Insulation Material:
Insulation Material
S-R PVC - Semi-Rigid Polyvinyl Chloride
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
2
Braid TC - Tinned Copper
65
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
6.731 mm
Pair
Pair Color Code Chart:
Number Color
1
White/Blue & Blue/White
2
White/Orange & Orange/White
3
White/Green & Green/White
Pair Lay Length & Direction:
Lay Length (mm) Twists/ft. (twist/m)
22.85991
45.934
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 2464)
Bulk Cable Weight:
55.063 Kg/Km
Min. Bend Radius (Install)/Minor Axis:
68.580 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMG
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8333 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232 Applications


同様の部品番号 - 1351316

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1351314 ETC2-1351314 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
More results

同様の説明 - 1351316

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
28517 ETC2-28517 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
28502 ETC2-28502 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors
1346243 ETC2-1346243 Datasheet
99Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
28489 ETC2-28489 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled
1351642 ETC2-1351642 Datasheet
103Kb / 4P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1346014 ETC2-1346014 Datasheet
102Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
9729 ETC2-9729 Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
9534 ETC2-9534 Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com