データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1351636 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 1351636
部品情報  Series 6, 18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

1351636 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  1351636 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1351636 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1351636 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Sweep Test
Sweep Testing:
5 MHz - 1 GHz
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9116 Q5HU1000
305 MT
13.154 KG
WHITE, NEUTRAL
#18 GIFHDLDPE SH PVC
9116 Q5H1000
305 MT
13.608 KG
WHITE, NEUTRAL
#18 GIFHDLDPE SH PVC
9116 009U1000
305 MT
13.154 KG
WHITE
#18 GIFHDLDPE SH PVC
9116 0091000
305 MT
13.608 KG
WHITE
#18 GIFHDLDPE SH PVC
9116 009500
152 MT
7.031 KG
WHITE
#18 GIFHDLDPE SH PVC
9116 010S700
213 MT
8.573 KG
BLACK
#18 GIFHDLDPE SH PVC
9116 010U1000
305 MT
13.154 KG
BLACK
#18 GIFHDLDPE SH PVC
9116 010U500
152 MT
6.804 KG
BLACK
.18 GIFHDLDPE SH PVC
9116 0101000
305 MT
13.608 KG
BLACK
C
#18 GIFHDLDPE SH PVC
9116 010500
152 MT
7.031 KG
BLACK
#18 GIFHDLDPE SH PVC
9116 290U1000
305 MT
13.154 KG
BEIGE, LIGHT
#18 GIFHDLDPE SH PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 04-26-2010
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9116 Coax - CATV Cable


同様の部品番号 - 1351636

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1351630 ETC2-1351630 Datasheet
92Kb / 2P
   Shielding and Bonding Cable.
logo
Weidmuller
1351630000 WEIDMULLER-1351630000 Datasheet
546Kb / 5P
   VPU III R 120V/6KV AC/DC
logo
List of Unclassifed Man...
1351635 ETC2-1351635 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
More results

同様の説明 - 1351636

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1733139 ETC2-1733139 Datasheet
103Kb / 3P
   18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1344422 ETC2-1344422 Datasheet
105Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
   Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1346109 ETC2-1346109 Datasheet
99Kb / 3P
   18 AWG bare copper conductor, foam polyethylene insulation
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com