データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1351636 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 1351636
部品情報  Series 6, 18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

1351636 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  1351636 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1351636 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1351636 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
Series 6, 18 AWG solid .040" bare copper-covered steel conductor, gas-injected foam polyethylene
insulation, Duobond® II + aluminum braid shield (60% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material
Dia. (mm)
1
18
Solid
BCCS - Bare Copper Covered Steel 1.016
Insulation
Insulation Material:
Insulation Material
Dia. (mm)
Gas-injected FPE - Foam Polyethylene 4.572
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Bonded Duofoil®
Tape Bonded Aluminum Foil-Polyester Tape-Aluminum Foil 100
2
Braid AL - Aluminum
60
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cabling
Overall Nominal Diameter:
6.858 mm
Mechanical Characteristics (Overall)
Installation Temperature Range:
-30°C To +80°C
Operating Temperature Range:
-40°C To +80°C
Bulk Cable Weight:
44.646 Kg/Km
Max. Recommended Pulling Tension:
560.473 N
Min. Bend Radius (Install)/Minor Axis:
50.800 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CATV, CM
CEC/C(UL) Specification:
CM
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
Page 1 of 3
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9116 Coax - CATV Cable


同様の部品番号 - 1351636

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1351630 ETC2-1351630 Datasheet
92Kb / 2P
   Shielding and Bonding Cable.
logo
Weidmuller
1351630000 WEIDMULLER-1351630000 Datasheet
546Kb / 5P
   VPU III R 120V/6KV AC/DC
logo
List of Unclassifed Man...
1351635 ETC2-1351635 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
More results

同様の説明 - 1351636

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1733139 ETC2-1733139 Datasheet
103Kb / 3P
   18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1344422 ETC2-1344422 Datasheet
105Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
   Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1346109 ETC2-1346109 Datasheet
99Kb / 3P
   18 AWG bare copper conductor, foam polyethylene insulation
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com