データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1351642 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 1351642
部品情報  24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

1351642 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  1351642 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1351642 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1351642 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1351642 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Operating Temperature Range:
-20°C To +80°C
UL Temperature Rating:
60°C (UL AWM Style 2493)
Bulk Cable Weight:
68.457 Kg/Km
Max. Recommended Pulling Tension:
226.858 N
Min. Bend Radius (Install)/Minor Axis:
88.900 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2493 (300 V 60°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
89730
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
100
Nom. Inductance:
Inductance (µH/m)
0.75463
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
41.0125
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
76.1192
Nom. Mutual Capacitance:
Capacitance (pF/m)
127.959
Nominal Velocity of Propagation:
VP (%)
76
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
78.744
Ind. Pair Nominal Shield DC Resistance @ 20
49.215 Ohm/km
Page 2 of 4
05-10-2011
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9730 Multi-Conductor - Multi-Pair Snake Cable


同様の部品番号 - 1351642

メーカー部品番号データシート部品情報
logo
Turck, Inc.
13516 TURCK-13516 Datasheet
350Kb / 3P
   Inductive Sensor
11/07/2023
logo
Weidmuller
1351600000 WEIDMULLER-1351600000 Datasheet
546Kb / 5P
   VPU III R 48V/4KV AC/DC
logo
List of Unclassifed Man...
1351630 ETC2-1351630 Datasheet
92Kb / 2P
   Shielding and Bonding Cable.
logo
Weidmuller
1351630000 WEIDMULLER-1351630000 Datasheet
546Kb / 5P
   VPU III R 120V/6KV AC/DC
logo
List of Unclassifed Man...
1351635 ETC2-1351635 Datasheet
101Kb / 3P
   Beldens .050 pitch gray ribbon cable was designed for general purpose electronic interconnect applications
More results

同様の説明 - 1351642

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
9729 ETC2-9729 Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344571 ETC2-1344571 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com