データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1748352 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 1748352
部品情報  24 AWG stranded (7x32) TC conductors, Datalene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

1748352 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  1748352 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1748352 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1748352 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2919 (30 V 80°C)
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
88103
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
100
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
41.0125
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
72.182
Nominal Velocity of Propagation:
VP (%)
78
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
78.744
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
12.4678
Max. Operating Voltage - UL:
Voltage
30 V RMS (UL AWM Style 2919)
300 V RMS
Max. Recommended Current:
Current
1.5 Amps per conductor @ 25°C
Notes (Overall)
Page 2 of 3
08-21-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8103 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/422


同様の部品番号 - 1748352

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1748354 PHOENIX-1748354 Datasheet
172Kb / 12P
   Printed-circuit board connector - FMC 1,5/ 2-STF-3,81
1748358 PHOENIX-1748358 Datasheet
44Kb / 2P
   Printed-circuit board connector - MSTBA 2,5/12-G-5,08 AU
More results

同様の説明 - 1748352

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344571 ETC2-1344571 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347871 ETC2-1347871 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347816 ETC2-1347816 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1346359 ETC2-1346359 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351274 ETC2-1351274 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com