データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1748352 データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 1748352
部品情報  24 AWG stranded (7x32) TC conductors, Datalene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

1748352 データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  1748352 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1748352 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1748352 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
24 AWG stranded (7x32) TC conductors, Datalene® insulation, twisted pairs, overall Beldfoil® (100%
coverage) + TC braid shield (65% coverage), 24 AWG stranded TC drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
3
24
7x32
TC - Tinned Copper
Total Number of Conductors:
6
Insulation
Insulation Material:
Insulation Trade Name Insulation Material
Wall Thickness (mm)
Datalene®
FPE - Foam Polyethylene 0.330
Outer Shield
Outer Shield Material:
Layer # Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
1
Beldfoil®
Tape Aluminum Foil-Polyester Tape w/Shorting Fold 100
2
Braid TC - Tinned Copper
65
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
24
7x32
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.889
Overall Cable
Overall Nominal Diameter:
7.188 mm
Pair
Pair Color Code Chart:
Number Color
1
White/Blue & Blue/White
2
White/Orange & Orange/White
3
White/Green & Green/White
Mechanical Characteristics (Overall)
Operating Temperature Range:
-30°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 2919)
Bulk Cable Weight:
58.040 Kg/Km
Max. Recommended Pulling Tension:
171.256 N
Min. Bend Radius/Minor Axis:
76.200 mm
Page 1 of 3
08-21-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8103 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/422


同様の部品番号 - 1748352

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1748354 PHOENIX-1748354 Datasheet
172Kb / 12P
   Printed-circuit board connector - FMC 1,5/ 2-STF-3,81
1748358 PHOENIX-1748358 Datasheet
44Kb / 2P
   Printed-circuit board connector - MSTBA 2,5/12-G-5,08 AU
More results

同様の説明 - 1748352

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344571 ETC2-1344571 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347871 ETC2-1347871 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347816 ETC2-1347816 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1346359 ETC2-1346359 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351274 ETC2-1351274 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com