データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN-1001 データシート(PDF) 4 Page - International Rectifier

部品番号 AN-1001
部品情報  Application Note
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

AN-1001 データシート(HTML) 4 Page - International Rectifier

  AN-1001 Datasheet HTML 1Page - International Rectifier AN-1001 Datasheet HTML 2Page - International Rectifier AN-1001 Datasheet HTML 3Page - International Rectifier AN-1001 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
power dissipation ( Pd = E x fs ) in the
MOSFET due to discharging this energy
increases proportionately, which
may
become
a
limiting
factor
in
hard
switching topologies. Figure 4 shows the
loss distribution for various types of
power MOSFETs in a typical 200W off
line single transistor forward converter
operating at 100kHz.
Fig. 4: FET Loss Distribution Comparison @ 100kHz.
Figure
5
shows
the
same
loss
distribution as in Figure 4
but at
200kHz. operating frequency.
FET Type1 FET Type2 FET Type 3 FET Type 4 FET Type 5 FET Type 6
Pcond
3.65
2.54
2.63
2.63
1.86
3.93
Psw
6.3
6.24
5.9
5.82
5.60
6.64
Pcoss
0.96
1.06
1.06
1.04
1.44
1.2
Ptotal
10.91
9.84
9.59
9.49
8.90
11.77
FET Power Dissipation In A Typical 200KHz. Offline Hard
Switching RCD Reset Forward Converter At 200W, 100C
0
2
4
6
8
10
12
FET
Type1
FET
Type2
FET
Type 3
FET
Type 4
FET
Type 5
FET
Type 6
Devices ( Power MOSFET)
Pcond
Psw
Pcoss
Ptotal
Fig. 5: FET Loss Distribution Comparison @ 200kHz.
From Figure 4 and 5, one can observe
that as the switching frequency doubles
the conduction loss remains the same,
but the switching loss and loss due to
Coss doubles. The loss due to Coss is
77.4% that of conduction loss ( I
2 rms x
Rds on ) and 16% of the total losses for
the type 5 FET at 200kHz.
Summary:
Coss at 80% of Vdss and Coss effective
to 80% of Vdss specified are of different
values, and have different implications.
Coss is used only for the purpose of
calculating its loss’ contribution as this
loss can’t be instrumentally measured.
Coss
effective
is
used
solely
for
calculating any resonant circuit that
involves the output capacitance of the
MOSFET. For all practical purpose,
these specified values are sufficed to use
for operating Vds voltages in the range
of 70% to 90% of Vdss with about 10%
or less error. If more accuracy is
required, the associated test circuits
above can be used to measure to the
exact operating voltage .
Conclusion:
Historically the energy loss due output
capacitance in a MOSFET has been
deemed to be insignificant. With the
general increase in application operating
frequency and proliferation of differing
topologies this design tip demonstrates
how important this capacitance can be
and
shown
a
meaningful
way
of
calculating
its
contribution
to
the
switching energy loss.
FET Type1 FET Type2 FET Type 3 FET Type 4 FET Type 5 FET Type 6
Pcond
3.65
2.54
2.63
2.63
1.86
3.93
Psw
3.15
3.12
2.95
2.91
2.80
3.32
Pcoss
0.48
0.53
0.53
0.52
0.72
0.6
Ptotal
7.28
6.19
6.11
6.06
5.38
7.85
FET Power Dissipation In A Typical 100 KHz. Offline Hard
Switching RCD Reset Forward Converter At 200W, 100C
0
1
2
3
4
5
6
7
8
FET Type1
FET Type2
FET Type 3
FET Type 4
FET Type 5
FET Type 6
Devices ( Power MOSFET )
Pcond
Psw
Pcoss
Ptotal


同様の部品番号 - AN-1001

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
AN-1006 CYMBET-AN-1006 Datasheet
540Kb / 3P
   Backing Up Epson Toyocom Real-Time Clock Chips
AN-1008 CYMBET-AN-1008 Datasheet
195Kb / 2P
   Using Cymbet EnerChip Batteries Instead of Coin Cells and Super Capacitors
More results

同様の説明 - AN-1001

メーカー部品番号データシート部品情報
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com