データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN-1035 データシート(PDF) 7 Page - International Rectifier

部品番号 AN-1035
部品情報  Application Note
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

AN-1035 データシート(HTML) 7 Page - International Rectifier

Back Button AN-1035 Datasheet HTML 3Page - International Rectifier AN-1035 Datasheet HTML 4Page - International Rectifier AN-1035 Datasheet HTML 5Page - International Rectifier AN-1035 Datasheet HTML 6Page - International Rectifier AN-1035 Datasheet HTML 7Page - International Rectifier AN-1035 Datasheet HTML 8Page - International Rectifier AN-1035 Datasheet HTML 9Page - International Rectifier AN-1035 Datasheet HTML 10Page - International Rectifier AN-1035 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DirectFET
® Technology
AN-1035
Board Mounting Application Note
www.irf.com
Version 28 (revision history), April 2016
Page 7 of 42
Figure 10 Heatsinks attached to substrates
Figure 11 Heatsinks attached to devices
Whichever heatsink design and application method is
used, heatsinks can be applied to single or multiple
devices. Figure 12 shows multiple device heatsinking.
Figure 12 Heatsinks attached to multiple devices
When one heatsink covers multiple devices, problems
can arise from variances in the thermal expansion of
substrate, solder, device, thermal interface material
(TIM) and heatsink. This is especially true when the
heatsink is attached to the top of the devices without
mechanical fastenings to the substrate. As well as
normal operating conditions, calculations of thermal
expansion must include other heat excursions applied
to the assembly (for example, during reflow soldering).
TIMs should be used to improve thermal contact by
filling air gaps (voids) between the mating faces of the
device and the heatsink. Without a TIM (Figure 13),
there is a significant proportion of voids over the area.
With a TIM (Figure 14), there is full contact.
Figure 13 Thermal contact (no TIM) K
0.024 W/(m•K)
Figure 14 Thermal contact (TIM) K
0.5–10.0 W/(m•K)
Many TIMs are available in various forms. The table
below summarizes the advantages and disadvantages
of each form, although individual examples may differ.
The suitability of each form depends on the design
and use of the assembly. Evaluations will be needed to
establish the most suitable material for an application.
When applying a TIM to the device-heatsink joint, it is
important to consider the material and the way it is
applied. If a fluid or flowable material is used, it must not
be allowed to seal the sides of the device that are not in
contact with the substrate. Such seals can trap air under
the device, both around the die and between the device
and substrate. If the assembly is then subjected to
heating for any reason (whether in normal operation,
further processing or burn-in testing), the trapped air will
expand and may break either the device-die bond or the
device-substrate joints. Although tests have shown that
this generally happens only when a large heat excursion
is applied to a large DirectFET body containing a small
silicon die, it is still worthy of consideration.


同様の部品番号 - AN-1035

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
AN-1030 CYMBET-AN-1030 Datasheet
494Kb / 6P
   EVAL-08 Frequently Asked Questions & Troubleshooting
logo
Fairchild Semiconductor
AN-1032 FAIRCHILD-AN-1032 Datasheet
39Kb / 2P
   Performance Restrictions Associated with 3.5 Watts SO-8 Power MOSFETs
logo
Cymbet Corporation
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
   Using the EnerChip CC in Energy Harvesting Designs
logo
Analog Devices
AN-1039 AD-AN-1039 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
More results

同様の説明 - AN-1035

メーカー部品番号データシート部品情報
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com