データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN-1028 データシート(PDF) 2 Page - Cymbet Corporation

部品番号 AN-1028
部品情報  Ultra Low Power MSP430 Backup Using the EnerChip??CC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYMBET [Cymbet Corporation]
ホームページ  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

AN-1028 データシート(HTML) 2 Page - Cymbet Corporation

  AN-1028 Datasheet HTML 1Page - Cymbet Corporation AN-1028 Datasheet HTML 2Page - Cymbet Corporation AN-1028 Datasheet HTML 3Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AN-1028: Ultra Low Power MSP430 Backup Using the EnerChip™ CC
©2008 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Doc AN-72-1028 Rev B
Page 2 of 3
Circuit Description and Operation
Many systems utilizing microcontrollers require non-volatile date retention and/or real-time clock operation in
the event of main power interruption. Normally, this is accomplished with the use of a supply supervisory circuit
coupled with a backup power source such as a coin cell or supercapacitor. When main power is interrupted -
as during line power outages or when the main battery is removed for recharging or replacement, the backup
power source provides enough energy to maintain the data in the embedded SRAM or keep the internal real-
time clock operational. Many MCUs have an internal supply supervisor circuit that can be used to control the
switchover function from main power to auxiliary power. When the supply voltage threshold level is reached
during power droop or complete power loss, the MCU can be programmed to generate an internal interrupt that
places the MCU into a low power state for maximum run time from the backup power source. The EnerChip
CC is a surface mount device that contains a rechargeable battery with integrated battery management that
performs the charge control, discharge control, threshold voltage detection, and supply supervisory functions
all in one low profile package. It operates over the range of 2.5V to 5.5V.
The EnerChip CC quiescent current of ~ 2 µA will in some cases be greater than the current drawn from the
MSP430 microcontroller while in low power standby mode. Therefore, it is desirable in those cases to eliminate
the EnerChip CC parasitic current consumption whenever possible. In other words, when the EnerChip internal
to the EnerChip CC is not being charged, the EnerChip CC ought to be disabled without compromising its utility
or performance.
This can be done by disabling the EnerChip CC most of the time by taking advantage of the internal supply
supervisory feature of the MSP430 and, as a result, dramatically reduce overall system power consumption.
This is especially important when the main system power is a battery that will need to be recharged or replaced
during the operational life of the system.
The circuit of Figure 1 relies on the internal supply supervisor feature of the MCU to signal the system when
main power has fallen below the threshold voltage necessary for normal circuit operation. While the EnerChip
CC also has this threshold detection feature, its operation contributes to the quiescent current draw. In MCUs
where that function is already embedded, it is logical to remove the redundant feature if doing so results in
lower operating current and does not compromise other essential attributes of the system. The remaining
features of the EnerChip CC that may continue to be utilized with the threshold voltage detection and
switchover features disabled are:
Internal battery charge control circuit that tightly regulates the charging voltage on the internal
EnerChip;
Battery cutoff circuit that disconnects the load from the EnerChip when the discharge voltage
reaches a preset limit.
Both of these features are essential elements to maximizing the service life of the EnerChip and should be
utilized to ensure proper operation of the embedded EnerChip as the backup power source.


同様の部品番号 - AN-1028

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
AN-1028 FAIRCHILD-AN-1028 Datasheet
257Kb / 12P
   Maximum Power Enhancement Techniques for SOT-223 Power MOSFETs
More results

同様の説明 - AN-1028

メーカー部品番号データシート部品情報
logo
Cymbet Corporation
AN-1027 CYMBET-AN-1027 Datasheet
228Kb / 3P
   Ultra Low Power Microcontroller Backup Using the EnerChip
AN-1036 CYMBET-AN-1036 Datasheet
674Kb / 7P
   Using the EnerChip CC in Energy Harvesting Designs
AN-1045 CYMBET-AN-1045 Datasheet
214Kb / 3P
   EnerChip CC Backup Power for Micro Crystal RV-2123 RTC
AN-1046 CYMBET-AN-1046 Datasheet
312Kb / 3P
   EnerChip CC as Backup Power for a Microchip MCP79410 RTC
AN-1047 CYMBET-AN-1047 Datasheet
293Kb / 3P
   EnerChip CC Real-Time Clock Backup for K60 Microcontroller
AN-1043 CYMBET-AN-1043 Datasheet
277Kb / 3P
   EnerChip CC as Backup Power for a DS1390 Real-Time Clock
AN-1042 CYMBET-AN-1042 Datasheet
288Kb / 3P
   EnerChip CC Backup Power for Epson RX-8564 Real-Time Clock
AN-1048 CYMBET-AN-1048 Datasheet
283Kb / 3P
   EnerChip CC as Backup Power for a DS1340 Real-Time Clock
CBC3105 CYMBET-CBC3105 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
DS-72-21 CYMBET-DS-72-21 Datasheet
1Mb / 12P
   EnerChip CC with Integrated Power Management
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com