| データシートサーチシステム |
|
PC87413 データシート(PDF) 109 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87413 データシート(HTML) 109 Page - National Semiconductor (TI) |
|
109 / 257 page ![]() 5.0 X-Bus Extension (Continued) Revision 1.2 109 www.national.com Bit 76543210 Name XRDYEN WAITSEN INDIRMEN ZSELMAP Reset Strap 1 0 Strap Bit Description 7 XRDYEN (XRDY Enable). Enables the use of XRDY input for the zones mapped to XCSn. The reset value of this bit depends on the setting of XCNF2 and XCNF0 straps, sampled at VSB Power-Up reset. 0: Disabled (default for XZCNF1-3; default for XZCNF0 if XCNF0 = 0 or XCNF2 = 0) 1: Enabled (default for XZCNF0 if XCNF0 = 1 and XCNF2 = 1) 6 WAITSEN (Wait States Enable). This bit controls the number of wait states added to an X-Bus transaction. If the TRANSPD bit in the XZM0 to XZM3 registers is set, the setting of WAITSEN is ignored (wait states are disabled). 0: Wait states disabled 1: Eight wait states (CLK cycles) enabled (default) 5 INDIRMEN (Indirect Memory Access Enable). Enables indirect memory access mechanism to generate memory transactions through XCSn. 0: Disabled (default) 1: Enabled 4-0 ZSELMAP (Zone Select Mapping). UDIZ = User-Defined I/O Zone. MEM = User-Defined Memory Zone. -= XCSn does not respond to this zone decode. += XCSn responds to this zone decode and is influenced by its setting. Bits Function 4 3 2 1 0 UDIZ0 UDIZ1 UDIZ2 UDIZ3 TST BIOS0 BIOS1 MEM0 MEM1 0 0 0 0 0: - - - - - - - - - (default for XZCNF1-3; default for XZCNF0 if XCNF2 = 0) 0 0 0 0 1: - - - - - + - - - (default for XZCNF0 if XCNF2 = 1) 0 0 0 1 0: + - - - - + - - - 0 0 0 1 1: + + - - - + - - - 0 0 1 0 0: + + + - - + - - - 0 0 1 0 1: + + + + - + - - - 0 0 1 1 0: - - - - + + - - - 0 0 1 1 1: + + + - + + - - - 0 1 0 0 0: + + + + + + - - - 0 1 0 0 1: + - - - - - - - - 0 1 0 1 0: + - - - + - - - - 0 1 0 1 1: + + - - - - - - - 0 1 1 0 0: + + + - - - - - - 0 1 1 0 1: + + + + - - - - - 0 1 1 1 0: - - - - + - - - - 0 1 1 1 1: + + + + + - - - - 1 0 0 0 0: + + + + + - - + - 1 0 0 0 1: + - - - - - - + + 1 0 0 1 0: - - - - - - - + - 1 0 0 1 1: + + - - - - - + - 1 0 1 0 0: + + + - - - - + + 1 0 1 0 1: + + + + - - + + - 1 0 1 1 0: - - - - + - + + + 1 0 1 1 1: + + + + + + + + + 1 1 0 0 0: - - - - - - - + + Others: Reserved |