データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5530 データシート(PDF) 222 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 CS5530
部品情報  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 データシート(HTML) 222 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 218Page - National Semiconductor (TI) CS5530 Datasheet HTML 219Page - National Semiconductor (TI) CS5530 Datasheet HTML 220Page - National Semiconductor (TI) CS5530 Datasheet HTML 221Page - National Semiconductor (TI) CS5530 Datasheet HTML 222Page - National Semiconductor (TI) CS5530 Datasheet HTML 223Page - National Semiconductor (TI) CS5530 Datasheet HTML 224Page - National Semiconductor (TI) CS5530 Datasheet HTML 225Page - National Semiconductor (TI) CS5530 Datasheet HTML 226Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 241 page
background image
www.national.com
222
Revision 4.1
Register Descriptions (Continued)
Table 4-35. IRQ Wakeup Status Mapping
(0x30-0x3F)
SETUP_
DATA
Function
0
Do not wakeup on IRQ activity.
0x0a
Assign IRQ Wake to bit 10 in PM1A_STS register
0x10
Assign IRQ Wake to bit 0 in GPE0_STS register
0x11
Assign IRQ Wake to bit 1 in GPE0_STS register
0x12
Assign IRQ Wake to bit 2 in GPE0_STS register
0x13
Assign IRQ Wake to bit 3 in GPE0_STS register
0x14
Assign IRQ Wake to bit 4 in GPE0_STS register
0x15
Assign IRQ Wake to bit 5 in GPE0_STS register
0x16
Assign IRQ Wake to bit 6 in GPE0_STS register
0x17
Assign IRQ Wake to bit 7 in GPE0_STS register
0x18
Assign IRQ Wake to bit 8 in GPE0_STS register
0x19
Assign IRQ Wake to bit 9 in GPE0_STS register
0x1A
Assign IRQ Wake to bit 10 in GPE0_STS register
0x1B
Assign IRQ Wake to bit 11 in GPE0_STS register
0x1C
Assign IRQ Wake to bit 12 in GPE0_STS register
0x1D
Assign IRQ Wake to bit 13 in GPE0_STS register
0x1E
Assign IRQ Wake to bit 14 in GPE0_STS register
0x1F
Assign IRQ Wake to bit 15 in GPE0_STS register
Note: When the ability to wakeup on an IRQ is desired use
indexes 0x31 through 0x3F. This will allow sensing of
interrupts while sleeping and waking of the system
when activity occurs. The desired GPE0 Status bit will
only be set if the system is sleeping and a wake event
occurs. The system will only wake if the status bit is
enabled in the corresponding enable register.
IRQ8 (RTC) is assigned to the RTC_STS bit in the
PM1A_STS register by default and should NOT be
changed.
For enabling and selection of the GPE0 Status bit to be
set when Wake on IRQ Activity is desired, use the
SETUP_DATA values listed above.
Table 4-36. Commands
(0x41-0x43, and 0x50)
Index
Function
0x41
Configure IRQ to be used for SCI: When map-
ping the SCI interrupt SETUP_IDX contains the
number of the IRQ to be used for the SCI. Valid
values are 3-7, 9-12, and 14-15. Invalid values will
not change the assignment of the SCI IRQ. The
default value for the SCI IRQ is 9.
0x42
Enable Reads of ACPI Registers: Prior to the
issuance of this command only WRITES can be
performed to the V-ACPI Fixed feature registers.
This command MUST be issued to enable reading
of the registers. This is to prevent the User Def 1
hook on NON-ACPI systems from interfering with
system functions.
0x43
Do Atomic I/O Sequence: This command allows
a sequence of I/O operations to be done with no
interruption. Certain SuperI/O chips must receive
unlock codes with NO intervening I/O. In addition
other SuperI/O chips do not allow I/O to devices
while in configuration mode. This command will
insure that I/O operations are completed without
interruption. The address of a sequence of I/O
commands is placed in the SETUP_DATA regis-
ter. The command sequence will then be pro-
cessed immediately.
The I/O command sequence consists of two parts:
the signature/length block and the I/O block.
There is only one signature/length block. There
may be one or more I/O blocks.
The signature block consists of four DWORDs
(see Table 4-37).
The I/O block consists of four bytes followed by
three DWORDs (see Table 4-38).
0x50
Video Power: This command will control the
power to the SOFTVGA. If SETUP_DATA is writ-
ten with a 0, power will be turned off. If a 1 is writ-
ten, power will be turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com