データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN-152 データシート(PDF) 4 Page - IXYS Corporation

部品番号 AN-152
部品情報  Using LITELINK??III In a LITELINK II Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

AN-152 データシート(HTML) 4 Page - IXYS Corporation

  AN-152 Datasheet HTML 1Page - IXYS Corporation AN-152 Datasheet HTML 2Page - IXYS Corporation AN-152 Datasheet HTML 3Page - IXYS Corporation AN-152 Datasheet HTML 4Page - IXYS Corporation AN-152 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AN-152-R04
www.ixysic.com
4
Application Note: AN-152
Figure 2. LITELINK II to LITELINK III Design Conversion for Reactive Termination Applications
2.2 Line Current Draw
With this circuit the IDDL specification remains 12 mA
maximum, the same specification as for CPC5610 and
CPC5611. For lower IDDL (8 mA maximum), use the
CPC5620 and CPC5621 application circuit in the
datasheet. This circuit uses a slightly different topology
and will probably require new layout of the printed-cir-
cuit board.
1
2
+
-
OH
RING
CID
TX+
RX+
TX-
RX-
3.3 or 5 V
C13 0.1
C14 0.1
C2 0.1
C4 0.1
R1 (R ) 80.6K 1%
TX
R23²
10
-BR
-BR
-BR
TIP
RING
U1
CPC5620
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
TXSM
TX-
TX+
TX
GND
RX-
RX+
SNP+
SNP-
RXF
RX
MODE
OH
RING
CID
REFL
TXF
ZTX
ZNT
TXSL
BR1-
NTS
GAT
NTF
DCS1
DCS2
ZDC
BR2-
RPB
RXS
VDDL
DB1
SP1¹
-BR
-BR
A
A
A
C9
0.1
C16
10
FB1
600
200 mA
C1
1
R5 (R
)
60.4K
1%
TXF
R13
(R
)
1M
1%
NTS
C10
0.01
500V
R15 (R
) 1.69M 1%
DCS2
R20
(R
)
2
VDDL
R21 (R
)
1%
DCS1B
6.2 M
R22 (R
)
6.8 M 1%
DCS1A
C12 (C
)
0.027
DCS
R2
(R
)
130K
1%
RXF
R3
(R
)
1.5M
1%
SNPD
C7
(C
)
220pF
2000V
SNP-
C8
(C
)
220pF
2000V
SNP+
R6 (R
)
1.8M 1/10W 1%
SNP-2
R44 (R
)
1.8M 1/10W 1%
SNP-1
R7 (R
)
1.8M 1/10W 1%
SNP+2
R45 (R
)
1.8M 1/10W 1%
SNP+1
R4
(R )
68.1
1%
PB
R8 (R
)
200K 1%
HTX
R9 (R
)
200K 1%
HNT
-BR
NOTE: Unless otherwise
noted, all resistors are in
Ohms, 5%. All capacitors
are in microFarads.
R14
(R
)
47
GAT
C19
(C
)
100 pF
GAT
Q1
CPC5602C
C15
0.01
500V
R10
59
1%
(R
)
ZNT1
R18
29.4
1%
(R
)
ZTX1
R11
(R
)
169
1%
ZNT2
R19
84.5
1%
(R
)
ZTX2
C20
(C
)
0.68
ZNT
C11
(C
)
1.5
ZTX
R12
221K 1%
(R
)
NTF
R16
22.1 1%
(R
)
ZDC
-BR
-BR
-BR


同様の部品番号 - AN-152

メーカー部品番号データシート部品情報
logo
IXYS Corporation
AN-155 IXYS-AN-155 Datasheet
133Kb / 3P
   Understanding LITELINK?
logo
Exar Corporation
AN-1550 EXAR-AN-1550 Datasheet
47Kb / 5P
   ST16C1450/1550 APPLICATION EXAMPLE
logo
IXYS Corporation
AN-157 IXYS-AN-157 Datasheet
148Kb / 5P
   Increased LITELINK??III Transmit Power
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
IXYS Corporation
AN-158 IXYS-AN-158 Datasheet
217Kb / 10P
   LITELINK??III Application Circuit Calculations
More results

同様の説明 - AN-152

メーカー部品番号データシート部品情報
logo
IXYS Corporation
AN-140 IXYS-AN-140 Datasheet
278Kb / 10P
   Understanding LITELINK??II
AN-158 IXYS-AN-158 Datasheet
217Kb / 10P
   LITELINK??III Application Circuit Calculations
CPC5622-EVAL-600R IXYS-CPC5622-EVAL-600R Datasheet
300Kb / 11P
   LITELINK III Evaluation Board
AN-157 IXYS-AN-157 Datasheet
148Kb / 5P
   Increased LITELINK??III Transmit Power
AN-155 IXYS-AN-155 Datasheet
133Kb / 3P
   Understanding LITELINK?
logo
Clare, Inc.
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
IXYS Corporation
AN-146 IXYS-AN-146 Datasheet
380Kb / 7P
   Guidelines for Effective LITELINK??Designs
logo
Clare, Inc.
CPC5610 CLARE-CPC5610 Datasheet
730Kb / 18P
   LITELINK??II Silicon Data Access Arrangement (DAA) IC
logo
IXYS Corporation
AN-102 IXYS-AN-102 Datasheet
162Kb / 2P
   Loop Current Detection for LITELINK
logo
Rohm
BP35A1 ROHM-BP35A1 Datasheet
619Kb / 22P
   Assembly using a printed circuit board
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com