データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN75157 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN75157
部品情報  DUAL DIFFERENTIAL LINE RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN75157 データシート(HTML) 3 Page - Texas Instruments

  SN75157 Datasheet HTML 1Page - Texas Instruments SN75157 Datasheet HTML 2Page - Texas Instruments SN75157 Datasheet HTML 3Page - Texas Instruments SN75157 Datasheet HTML 4Page - Texas Instruments SN75157 Datasheet HTML 5Page - Texas Instruments SN75157 Datasheet HTML 6Page - Texas Instruments SN75157 Datasheet HTML 7Page - Texas Instruments SN75157 Datasheet HTML 8Page - Texas Instruments SN75157 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN75157
DUAL DIFFERENTIAL LINE RECEIVER
SLLS084C – SEPTEMBER 1980 – REVISED MARCH 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage, common-mode input
voltage, and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIT
Input threshold voltage (VIT and VIT )
– 0.2
0.2
V
VIT
Input threshold voltage (VIT + and VIT –)
See Note 3
– 0.4
0.4
V
Vhys
Hysteresis voltage (VIT + – VIT –)
70
mV
VOH
High-level output voltage
VID = 0.2 V,
IO = – 1 mA
2.5
3.5
V
VOL
Low-level output voltage
VID = – 0.2 V,
IO = 20 mA
0.35
0.5
V
II
Input current
VCC = 0 to 5.5 V,
VI = 10 V
1.1
3.25
mA
II
Input current
CC
,
See Note 4
VI = – 10 V
– 1.6
– 3.25
mA
IOS
Short-circuit output current§
VO = 0,
VID = 0.2 V
–40
–75
– 100
mA
ICC
Supply current
VID = – 0.5 V,
No load
35
50
mA
† The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold levels
only.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Only one output should be shorted at a time and duration of the short circuit should not exceed one second.
NOTES:
3. The expanded threshold parameter is tested with a 500-
Ω resistor in series with each input.
4. The input not under test is grounded.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
CL =15 pF
See Figure 1
15
25
ns
tPHL
Propagation delay time, high- to low-level output
CL = 15 pF,
See Figure 1
13
25
ns
PARAMETER MEASUREMENT INFORMATION
0.5 V
Input
(see Note B)
– 0.5 V
Output
50%
50%
tPLH
tPHL
1.5 V
1.5 V
VOLTAGE WAVEFORMS
TEST CIRCUIT
VCC +
VCC +
Output
392
Input
51
CL = 15 pF
(see Note A)
3.92 k
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: tr ≤ 5 ns, tf ≤ 5 ns, PRR ≤ 5 MHz, duty cycle = 50%.
Figure 1. Test Circuit and Voltage Waveforms


同様の部品番号 - SN75157

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN75157 TI-SN75157 Datasheet
95Kb / 6P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI2-SN75157 Datasheet
942Kb / 21P
SN75157 Dual Differential Line Receiver
REVISED JANUARY 2024
SN75157D TI-SN75157D Datasheet
95Kb / 6P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157D TI1-SN75157D Datasheet
668Kb / 14P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157D TI2-SN75157D Datasheet
942Kb / 21P
SN75157 Dual Differential Line Receiver
REVISED JANUARY 2024
More results

同様の説明 - SN75157

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DS9637A NSC-DS9637A Datasheet
142Kb / 6P
Dual Differential Line Receiver
logo
Texas Instruments
SN75146 TI-SN75146 Datasheet
108Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
SN75157 TI-SN75157 Datasheet
95Kb / 6P
DUAL DIFFERENTIAL LINE RECEIVER
UA9637AC TI-UA9637AC Datasheet
277Kb / 12P
DUAL DIFFERENTIAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS9639 NSC-DS9639 Datasheet
122Kb / 6P
Dual Differential Line Receiver
DS55115 NSC-DS55115 Datasheet
178Kb / 6P
Dual Differential Line Receiver
DS9637A NSC-DS9637A_07 Datasheet
310Kb / 8P
Dual Differential Line Receiver
logo
Texas Instruments
SN75157DG4 TI1-SN75157DG4 Datasheet
668Kb / 14P
DUAL DIFFERENTIAL LINE RECEIVER
DS9637A TI1-DS9637A_13 Datasheet
184Kb / 7P
Dual Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com