データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CR7984-CL_ データシート(PDF) 1 Page - Coilcraft lnc.

部品番号 CR7984-CL_
部品情報  Isolation Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COILCRAFT [Coilcraft lnc.]
ホームページ  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CR7984-CL_ データシート(HTML) 1 Page - Coilcraft lnc.

  CR7984-CL_ Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Isolation Transformers
Document 1090
Document 1090 Revised 05/03/13
Pri / output voltages
DCR max
Leakage
Volt-time
Part
Inductance2
Turns
output
output
output
(Ohms)3
inductance4 product5
number1
min (µH)
ratio
pri
(pin5)
(pins6&8)
(pin7)
pri
sec
max (µH)
(V-µsec)
CR7983-CL_
256
1
: 2
5 V
+3.3 to +15 V
0 V
No output
0.190
0.350
0.75
18.0
CR7984-CL_
256
1
: 3
5 V
+12 to +24 V
+6 to +12 V
0 V
0.170
0.450
0.75
18.0
CR7985-CL_
256
1
: 5
5 V
+5 to +15 V
0 V
–5 to –15 V
0.170
2.00
0.72
18.0
1. When ordering, please specify a
packaging code:
CR7985-CLD
Packaging: D = 13
″ machine ready reel. EIA-481 embossed plastic
tape (175 per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
Dimensions are in inches
mm
Core material Ferrite
Terminations Tin-silver-copper over tin over nickel over phos bronze
Weight 10.1 g
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 175 per 13
″ reel Plastic tape: 44 mm wide, 0.4 mm thick,
32 mm pocket spacing, 11.9 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf
For Analog Devices ADuM4070
Isolated Switching Regulator
• Developed to work with Analog Devices ADuM4070 Isolated
switching regulator with integrated feedback
• Power rating: 2 Watts
• 5000 Vrms, one second isolation from primary to secondary.
Analog Devices is a trademark of Analog Devices, Inc.
7
11
5
1
6
2
Primary windings and secondary
windings to be connected in
series on the PC board.
8
12
Primary
Output
Output
Output
Secondary
2. Inductance is for the primary, measured from pins 12– 11 at 1 kHz, 0.1 Vrms.
3. DCR is for each winding of the primary and secondary.
4. Leakage inductance is for the primary windings, measured from pins 12– 11
with all secondary windings shorted.
5. Based on VIN max, FSW min and number of primary turns
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


同様の部品番号 - CR7984-CL_

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
CR7929 PHILIPS-CR7929 Datasheet
79Kb / 8P
Triple video driver hybrid amplifier
1999 Mar 09
More results

同様の説明 - CR7984-CL_

メーカー部品番号データシート部品情報
logo
PCA ELECTRONICS INC.
EPA045-1 PCA-EPA045-1 Datasheet
18Kb / 1P
Starlan Isolation Transformers
EPE6303S PCA-EPE6303S Datasheet
47Kb / 1P
Media Isolation Transformers
EPA1885-X PCA-EPA1885-X Datasheet
24Kb / 1P
Isolation Transformers
logo
Coilcraft lnc.
JA4631 COILCRAFT-JA4631_13 Datasheet
122Kb / 1P
Isolation Transformers
PA6547 COILCRAFT-PA6547_15 Datasheet
315Kb / 1P
Isolation Transformers
logo
Pulse A Technitrol Comp...
PH9085.011NL PULSE-PH9085.011NL Datasheet
237Kb / 2P
Isolation Power Transformers
PH9385.011NL PULSE-PH9385.011NL Datasheet
356Kb / 2P
Isolation Power Transformers
PH9085.XXXNL PULSE-PH9085.XXXNL Datasheet
322Kb / 2P
Isolation Power Transformers
PH9384.XXXNL PULSE-PH9384.XXXNL Datasheet
620Kb / 2P
Isolation Power Transformers
PH9084.011NL PULSE-PH9084.011NL Datasheet
399Kb / 2P
Isolation Power Transformers
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com