![]() |
データシートサーチシステム |
|
MCP1252 データシート(PDF) 18 Page - Microchip Technology |
|
|
MCP1252 データシート(HTML) 18 Page - Microchip Technology |
18 / 20 page ![]() MCP1252/3 DS20001752C-page 18 2002-2014 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX Package Temperature Range Device MCP1252: Low-Noise, Positive-Regulated Charge Pump MCP1252T: Low-Noise, Positive-Regulated Charge Pump (Tape and Reel) MCP1253: Low-Noise, Positive-Regulated Charge Pump MCP1253T: Low-Noise, Positive-Regulated Charge Pump (Tape and Reel) Tape and Reel Option: T = Tape and Reel(1) Output Voltage: ADJ = Adjustable Voltage 33X50 = Selectable Voltage Temperature Range: I= -40 C to +85C (Industrial) E= -40 C to +125C (Extended) (MCP1253 only) Package: MS = Plastic Micro Small Outline (MSOP), 8-lead Examples: a) MCP1252-33X50I/MS: Low-Noise, Posi- tive-Regulated Charge Pump, Fixed Output b) MCP1252-ADJI/MS: Low-Noise, Positive- Regulated Charge Pump, Adjustable Output c) MCP1252T-33X50I/MS: Tape and Reel, Low-Noise, Positive-Regulated Charge Pump, Fixed Output a) MCP1253-33X50I/MS: Low-Noise, Posi- tive-Regulated Charge Pump, Fixed Output b) MCP1253-ADJI/MS: Low-Noise, Posi- tive-Regulated Charge Pump, Adjustable Output c) MCP1253T-ADJI/MS: Tape and Reel, Low-Noise, Positive-Regulated Charge Pump, Adjustable Output Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option -XXX Voltage Option |
同様の部品番号 - MCP1252_14 |
|
同様の説明 - MCP1252_14 |
|
|
リンク URL |