データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMZ52 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 KMZ52
部品情報  Magnetic Field Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ52 データシート(HTML) 3 Page - NXP Semiconductors

  KMZ52 Datasheet HTML 1Page - NXP Semiconductors KMZ52 Datasheet HTML 2Page - NXP Semiconductors KMZ52 Datasheet HTML 3Page - NXP Semiconductors KMZ52 Datasheet HTML 4Page - NXP Semiconductors KMZ52 Datasheet HTML 5Page - NXP Semiconductors KMZ52 Datasheet HTML 6Page - NXP Semiconductors KMZ52 Datasheet HTML 7Page - NXP Semiconductors KMZ52 Datasheet HTML 8Page - NXP Semiconductors KMZ52 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2000 Jun 09
3
Philips Semiconductors
Product specification
Magnetic Field Sensor
KMZ52
QUICK REFERENCE DATA
Notes
1. The compensation coil generates a field Hcomp =Acomp × Icomp in addition to the external field Hext. Sensor output will
become zero if Hext =Hcomp.
2. Average power consumption of the flipping coil, defined by current, pulse duration and pulse repetition rate may not
exceed the specified limit, see Chapter “Limiting values”.
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
bridge supply voltage
58V
S
sensitivity (uncompensated)
12
16
Voffset
offset voltage per supply voltage
−1.5
0
+1.5
mV/V
Rbridge
bridge resistance
123k
Rcomp
compensation coil resistance
100
170
300
Acomp
field factor of compensation coil; note 1
19
22
25
Rflip
resistance of set/reset coil
1
2
3
Iflip
recommended flipping current for stable operation; note 2
±800
±1000 ±1200 mA
tflip
flip pulse duration; note 2
1
3
100
µs
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VCC
bridge supply voltage
8V
Ptot
total power dissipation
130
mW
Tstg
storage temperature
−65
+150
°C
Tamb
maximum operating temperature
−40
−125
°C
Icomp
maximum compensation current
15
mA
Iflip (max)
maximum flipping current
1500
mA
Pflip (max)
maximum flipping power dissipation
50
mW
Visol
voltage between isolated systems:
flip coil and Wheatstone bridge;
compensation coil and Wheatsone bridge;
flip coil and compensation coil
60
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
terminal resistance from junction to ambient
105
K/W
mV/V
kA/m
--------------
A/m
mA
----------


同様の部品番号 - KMZ52

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
More results

同様の説明 - KMZ52

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
   Magnetic field sensor
40FY36-33 PF-40FY36-33 Datasheet
119Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com