データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PC87591L データシート(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 PC87591L
部品情報  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L データシート(HTML) 121 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 117Page - National Semiconductor (TI) PC87591L Datasheet HTML 118Page - National Semiconductor (TI) PC87591L Datasheet HTML 119Page - National Semiconductor (TI) PC87591L Datasheet HTML 120Page - National Semiconductor (TI) PC87591L Datasheet HTML 121Page - National Semiconductor (TI) PC87591L Datasheet HTML 122Page - National Semiconductor (TI) PC87591L Datasheet HTML 123Page - National Semiconductor (TI) PC87591L Datasheet HTML 124Page - National Semiconductor (TI) PC87591L Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
121
www.national.com
Port Weak Pull-Up Registers (PxWPU, PyWPU)
These registers control the pull-up for the related pin, when it used either as GPIO or in its alternate function. The pull-up is
enabled when the corresponding bit of PxWPU or PyWPU is set and the port buffer is in TRI-STATE. Otherwise, the pull-up
is disabled (i.e., high impedance).
On reset, PxWPU or PyWPU is cleared (0), disabling all pull-ups.
Location: See Appendix A
Type: R/W
Bit
76543210
Name
Px Port Weak Pull-Up Enable
Reset
00000000
Bit
76543210
Name
Py Port Weak Pull-Up Enable
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More