| データシートサーチシステム |
|
PC87591L データシート(PDF) 146 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87591L データシート(HTML) 146 Page - National Semiconductor (TI) |
|
146 / 437 page ![]() Embedded Controller Modules (Continued) www.national.com 146 Revision 1.07 Timer Interrupt Clear Register (TnICLR) The TnICLR register is a byte-wide write-only register. It controls the clear of pending flags TAPND, TBPND, TCPND and TDPND, which are located in TnICTRL register. Location: MFT16 1: 00 FD9016 MFT16 2: 00 FDB016 Type: WO Bit 76543210 Name Reserved TDCLR TCCLR TBCLR TACLR Bit Description 0 TACLR (Timer Pending A Clear). Writing a 1 to this bit clears the TAPND flag in TnICTL register. 0: Has no effect on TAPND. The previous value of TAPND is maintained 1: Causes the TAPND flag to be cleared (0) 1 TBCLR (Timer Pending B Clear). Writing a 1 to this bit clears the TBPND flag in TnICTL register. 0: Has no effect on TBPND. The previous value of TBPND is maintained 1: Causes the TBPND flag to be cleared (0) 2 TCCLR (Timer Pending C Clear). Writing a 1 to this bit clears the TCPND flag in TnICTL register. 0: Has no effect on TCPND. The previous value of TCPND is maintained 1: Causes the TCPND flag to be cleared (0) 3 TDCLR (Timer Pending D Clear). Writing a 1 to this bit clears the TDPND flag in TnICTL register. 0: Has no effect on TDPND. The previous value of TDPND is maintained 1: Causes the TDPND flag to be cleared (0) 7-4 Reserved. |