データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L2A1 データシート(PDF) 1 Page - GOOD-ARK Electronics

部品番号 L2A1
部品情報  Surface Mount Glass Passivated Standard Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L2A1 データシート(HTML) 1 Page - GOOD-ARK Electronics

  L2A1 Datasheet HTML 1Page - GOOD-ARK Electronics L2A1 Datasheet HTML 2Page - GOOD-ARK Electronics L2A1 Datasheet HTML 3Page - GOOD-ARK Electronics L2A1 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L2A1 thru L2A7/L21A thru L27A
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 50~1000V Forward Current 2A
www.goodark.com
1/4
2014.02-Rev.A
Features
• Glass passivated standard rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
eSGB (SMAF)
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies, and other consumer applications.
Maximum Ratings (T
25 °C
l
th
i
t d)
L2A1 L2A2 L2A3 L2A4 L2A5 L2A6 L2A7
L21A L22A L23A L24A L25A L26A L27A
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Maximum repetitive peak reverse voltage
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2.0
Pk f
d
t 8 3
il h lf i
IFSM
A
TJ, TSTG
°C
L2A1 L2A2 L2A3 L2A4 L2A5 L2A6 L2A7
L21A L22A L23A L24A L25A L26A L27A
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
55
Operating junction and storage temperature range
- 55 to + 150
Electrical Characteristics (TA= 25 °C unless otherwise noted)
Parameter
Test Conditions Symbol
Unit
L21A L22A L23A L24A L25A L26A L27A
Maximum instantaneous forward
voltage
2 A
VF
Volts
TA=25℃
TA=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Til j
i
i
40V 1MH
CJ
y
1.1
Maximum DC reverse current at
rated DC blocking voltage
IR
5
µA
50
Typical reverse recovery time
trr
2.3
uS
6
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
1)
juntion to mount
RθJM
℃/W
Note:1),The thermal resistance from junction to mount,mounted on P.C.B with 8×8mm copper pads,2 OZ,FR4 PCB
6
20
www.goodark.com
1/4
2014.02-Rev.A


同様の部品番号 - L2A1

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
L2A1 GOOD-ARK-L2A1 Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
L2A1 GOOD-ARK-L2A1_15 Datasheet
233Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 2A
More results

同様の説明 - L2A1

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
logo
GOOD-ARK Electronics
F1DS GOOD-ARK-F1DS Datasheet
201Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
F1510A GOOD-ARK-F1510A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
P1A GOOD-ARK-P1A Datasheet
384Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
GN1P20 GOOD-ARK-GN1P20 Datasheet
159Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
GN2P20 GOOD-ARK-GN2P20 Datasheet
393Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
logo
SeCoS Halbleitertechnol...
QG120A-C SECOS-QG120A-C Datasheet
377Kb / 2P
   Surface Mount Glass Passivated Standard Rectifier
logo
First Silicon Co., Ltd
G1A FS-G1A Datasheet
556Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com