データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

531-501-63 データシート(PDF) 1 Page - Marl International Limited

部品番号 531-501-63
部品情報  PANEL INDICATOR LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARL [Marl International Limited]
ホームページ  http://www.leds.co.uk
Logo MARL - Marl International Limited

531-501-63 データシート(HTML) 1 Page - Marl International Limited

  531-501-63_14 Datasheet HTML 1Page - Marl International Limited 531-501-63_14 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
531 SERIES
PANEL INDICATOR LED
FEATURES
BENEFITS
• Ø12.7mm (½”) mounting
• Nickel plated brass housing
• Sealed to IP67 - weatherproof
• Coloured diffused lens
• Internal potting
• Bi-polar circuitry
• Range of LED colour options
• Custom voltage options available
• Standard industrial mounting size
• Suitable for industrial applications
• Suitable for external applications
• Diffused lens gives wide viewing angle
• Suitable for high vibration applications
• Suitable for AC or low voltage DC in any orientation
• Suitable for status panel indication
• Bespoke versions can be developed for your application
• Outstanding reliability
• Vandal resistant
Marl Part
Number
LED Colour
Typical Voltage
Vopr
Typical Current
DC Iopr
Typical LED
Luminous
Intensity
Typical LED
Wavelength
λp
Operating
Temp
Topr *
Storage
Temp
Tstg
531-501-63
Red
12-28 Vac/dc
6-16
236 @ 10mA
625
-40 to +75
-40 to +100
531-521-63
Yellow
12-28 Vac/dc
6-16
217 @ 10mA
590
-40 to +75
-40 to +100
531-532-63
Green
12-28 Vac/dc
6-16
1360 @ 10mA
520
-40 to +75
-40 to +100
531-930-63
Blue
12-28 Vac/dc
6-16
270 @ 10mA
470
-40 to +75
-40 to +100
531-997-63
Cool White
12-28 Vac/dc
6-16
743 @ 10mA
See Below
-40 to +75
-40 to +100
531-501-75
Red
110 Vac
7
112
625
-40 to +75
-40 to +100
531-521-75
Yellow
110 Vac
7
103
590
-40 to +75
-40 to +100
531-532-75
Green
110 Vac
7
814
520
-40 to +75
-40 to +100
531-930-75
Blue
110 Vac
7
154
470
-40 to +75
-40 to +100
531-997-75
Cool White
110 Vac
7
393
See Below
-40 to +75
-40 to +100
Bi-polar
mA
mcd
nm
°C
°C
Typical Emission Colours Cool White LED
X
0.275
0.28
0.29
Y
0.27
0.28
0.30
NOTES
Intensities (lv) and colour shades of white (X-Y co-ordinates) may vary between LEDs within a batch. Additional LED Colours, Voltage Options and Flying Lead lengths available for semi-
custom projects. Please contact our Sales Team. All LED components are supplied in anti-static packaging.
* For operating temperature derating graphs, please refer to sheet 2.
To order please contact us on +44 (0) 1229 582 430
F +44 (0) 1229 585 155 | E sales@marl.co.uk | www.leds.co.uk
Q 05480
DSN 531 Version 2014-09-08-092400. Page 1 of 2
marlleds
marlinternationallimited
company/marl-international-limited


同様の部品番号 - 531-501-63_14

メーカー部品番号データシート部品情報
logo
Marl International Limi...
531-501-63_1312 MARL-531-501-63_1312 Datasheet
317Kb / 5P
industrial panel lamps
531-501-63_1312 MARL-531-501-63_1312 Datasheet
317Kb / 5P
Robust bright nickel plated brass housing
More results

同様の説明 - 531-501-63_14

メーカー部品番号データシート部品情報
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
PANEL INDICATOR LED
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
PANEL INDICATOR LED
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
PANEL INDICATOR LED
677-501-21-53 MARL-677-501-21-53_16 Datasheet
230Kb / 2P
PANEL INDICATOR LED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com