データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1411540 データシート(PDF) 3 Page - PHOENIX CONTACT

部品番号 1411540
部品情報  Network cable - NBC-FSD/ 2,0-93K/R4AC SCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1411540 データシート(HTML) 3 Page - PHOENIX CONTACT

  1411540 Datasheet HTML 1Page - PHOENIX CONTACT 1411540 Datasheet HTML 2Page - PHOENIX CONTACT 1411540 Datasheet HTML 3Page - PHOENIX CONTACT 1411540 Datasheet HTML 4Page - PHOENIX CONTACT 1411540 Datasheet HTML 5Page - PHOENIX CONTACT 1411540 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/1411540
08/05/2016   Page 3 / 6
Network cable - NBC-FSD/ 2,0-93K/R4AC SCO - 1411540
Technical data
Cable
Type of pair shielding
Aluminum-lined polyester foil
Overall twist
Star quad
Shielding
Tinned copper braided shield
External sheath, color
signal red RAL 3020
Outer sheath thickness
approx. 0.9 mm
External cable diameter D
6.5 mm ±0.2 mm
Minimum bending radius, fixed installation
3 x D
Minimum bending radius, flexible installation
7 x D
Cable weight
68 kg/km
Outer sheath, material
PVC
Material, inner sheath
PVC
Material conductor insulation
PE
Conductor material
Tin-plated Cu litz wires
Insulation resistance
≥ 0.5 GΩ*km
Conductor resistance
≤ 120 Ω/km
Wave impedance
100 Ω ±15 Ω (at 100 MHz)
Signal runtime
5.3 ns/m
Coupling resistance
≤ 20.00 mΩ/m (at 10 Hz)
Test voltage Core/Core
2000 V (50 Hz, 1 min.)
Test voltage Core/Shield
2000 V (50 Hz, 1 min.)
Flame resistance
According to UL 1685 (CSA FT 4)
Resistance to oil
Resistant to oil to a limited extent
Other resistance
UV resistant According to UL 1581, Section 1200
Ambient temperature (operation)
-40 °C ... 70 °C (cable, fixed installation)
-40 °C ... 70 °C (cable, flexible installation)
Ambient temperature (installation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-50 °C ... 70 °C
Drawings


同様の部品番号 - 1411540

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1411541 PHOENIX-1411541 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/ 5,0-93K/R4AC SCO
1411542 PHOENIX-1411542 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/10,0-93K/R4AC SCO
1411544 PHOENIX-1411544 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/FSD SCO
1411545 PHOENIX-1411545 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 2,0-93K/FSD SCO
1411547 PHOENIX-1411547 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/FSD SCO
More results

同様の説明 - 1411540

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1411539 PHOENIX-1411539 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/ 1,0-93K/R4AC SCO
1411541 PHOENIX-1411541 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/ 5,0-93K/R4AC SCO
1411542 PHOENIX-1411542 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/10,0-93K/R4AC SCO
1411545 PHOENIX-1411545 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 2,0-93K/FSD SCO
1411515 PHOENIX-1411515 Datasheet
515Kb / 12P
   NBC-MSD/ 2,0-93K/R4AC SCO - Network cable
1407385 PHOENIX-1407385 Datasheet
613Kb / 16P
   Network cable - NBC-FSD/ 2,0-93E/R4AC SCO
1408696 PHOENIX-1408696 Datasheet
591Kb / 16P
   NBC-FSD-R4AC SCO/.../... - Network cable
1408622 PHOENIX-1408622 Datasheet
778Kb / 24P
   NBC-FSD-R4AC SCO-PN/.../... - Network cable
1411544 PHOENIX-1411544 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/FSD SCO
1407381 PHOENIX-1407381 Datasheet
950Kb / 28P
   NBC- 2,0-93E/FSD SCO - Network cable
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com