データシートサーチシステム |
|
2542 データシート(PDF) 2 Page - Pulse A Technitrol Company |
|
|
2542 データシート(HTML) 2 Page - Pulse A Technitrol Company |
2 / 5 page G003.U (2/07) www.pulseeng.com 47 SLOT SMT 100 W Series 2642 – Resonant-Type Power Supply Switch-Mode Transformer Applications This transformer is mainly intended to be used as a Resonant Switch-Mode Transformer for low-end 22” LCD TV sets with mains insulation. The most suitable circuit topology for this transformer is a half-bridge, quasi-resonant converter using Phillips ZVS controller TEA1610. The common range of operation for this switch-mode transformer is from 50-200 kHz. Features ● Magnetic circuit of this transformer consists of EE-type ferrite cores having a squared central leg where the windings and the air gap are placed ● Maximum primary power: 100 W @ 100 kHz. ● Slot technology, Lizt wire is recommended for proximity and skin effects reduction ● Mains insulation according to IEC60065 and IEC60950 safety standards ● Recommended magnetising-to-leakage primary inductance ratio LP/LL @ 100 kHz ~ 5 Mechanical and Magnetic Data ● Pinout configuration: 14 dual-in-line pins with 25.4mm spacing and 5.08mm pitch ● Ferrite core is a EE32-type, leading to a maximum transformer height of 22mm above the PCB ● Maximum horizontal dimensions: 39mm x 38mm Options ● Customized electrical design and pinout SLOT SMT 200 W Series 2652 – Resonant-type Power Supply Switch-Mode Transformer Applications This transformer is mainly intended to be used as a Resonant Switch-Mode Transformer for high-end 30” to 42” LCD TV sets with mains insulation. The most suitable circuit topology for this transformer is a half-bridge, quasi-resonant converter using ON Semiconductor’s ZVS controller MC34067. The common range of operation for this Switch-Mode Transformer is from 50-150 kHz. Features ● Magnetic circuit of this transformer consists of two (asymmetrical) E-type ferrite cores having a rectangular central leg where the windings and the air gap are placed ● Maximum primary power: 200 W @ 100 kHz ● Slot technology, Lizt wire recommended for proximity and skin effects reduction ● Mains insulation according to IEC60065 and IEC60950 safety standards ● Adjustable magnetising-to-leakage primary inductance ratio LP/LL (recommended values range is LP/LL @ 100 kHz = 2.5 ~ 4) Mechanical and Magnetic Data ● Pinout configuration: 16 dual-in-line pins with 35mm spacing and 5mm pitch ● The ferrite core is a slim EE50-type, leading to a maximum transformer height of 28mm above the PCB ● Maximum horizontal dimensions: 51mm x 52mm Options ● Customized electrical design and pinout LCD TV & PLASMA TV COMPONENTS For more information, contact Pulse Consumer Division Applications Engineering via e-mail at: consumer@pulseeng.com. CONSUMER PRODUCTS Consumer Products |
同様の部品番号 - 2542 |
|
同様の説明 - 2542 |
|
|
リンク URL |