データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2542 データシート(PDF) 4 Page - Pulse A Technitrol Company

部品番号 2542
部品情報  SWITCH-MODE TRANSFORMER GUIDE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

2542 データシート(HTML) 4 Page - Pulse A Technitrol Company

  2542 Datasheet HTML 1Page - Pulse A Technitrol Company 2542 Datasheet HTML 2Page - Pulse A Technitrol Company 2542 Datasheet HTML 3Page - Pulse A Technitrol Company 2542 Datasheet HTML 4Page - Pulse A Technitrol Company 2542 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
G003.U (2/07)
www.pulseeng.com
49
Active PFC Coil
Series 2712 (standard core), Series 2702 (low-profile core),
Power-Factor-Correction Coil
Applications
These chokes are mainly intended to be used as harmonics coils for
high-end 26” to 42” LCD TV sets to make them comply with the
EN61000-3-2 standard. The most suitable circuit topology for these
chokes is transition-mode controlled boost DC/DC converter (i.e. L6561
from ST or MC33262 from ON Semiconductor). The common range of
operation for these chokes is from 100-200 kHz.
Features
Magnetic circuit of chokes consists of two, RN14-type ferrite
cores having a round central leg where the windings and the air
gap are placed
Maximum primary power: 200 W @150 kHz for low-profile RM14;
250 W @ 150 kHz for standard RM14
Layer technology, enameled Lizt wire recommended for proximity and skin
effects reduction
Mechanical and Magnetic Data
Pinout configuration: 12 in-line pins (6+6) with 35.56mm spacing
and 5.08mm pitch
The ferrite core can be either standard or low-profile RM14-type,
resulting in a component height down to 21mm above the PCB
Options
Customized electrical design and pinout
Mounting clips
2702 bobbin without through-hole flange available
Total height above the PCB: 30 mm for standard RM14; 21mm
for low-profile RM14
CONSUMER PRODUCTS
Passive PFC Coil
Series 6001 – Laminated-core Power-Factor-Correction Coil
Applications
These chokes are mainly intended to be used as harmonics coils for high-end 30” to 42” LCD TV sets to
make them comply with the EN61000-3-2 standard. These components are suitable for operation at
mains frequency (50-60 Hz)
Features
Magnetic circuit of these chokes consists of UU or EI laminated cores made by high performance
silicon steel
Single-winding (EI) or double-winding (UU) construction
Acoustical noise-free construction
Input power up to 200 W @ mains frequency with EI-42 core size and horizontal dimensions down
to 42mm x 56mm
Mechanical and Magnetic Data
High permeability and saturation flux density core
High inductance value allowed
Low-profile horizontal coil-formers result in a component height down to 28mm above the PCB
Options
Customized pinout and inductance value
Core fixing by mylar tape or argon welding
Available core dimensions up to EI-66 and UU-40
LCD TV & PLASMA TV COMPONENTS
(continued)
For more information, contact Pulse Consumer Division Applications Engineering via e-mail at: consumer@pulseeng.com.
Consumer Products


同様の部品番号 - 2542

メーカー部品番号データシート部品情報
logo
Shenzhen Tuofeng Semico...
2542 TUOFENG-2542 Datasheet
5Mb / 5P
Dual N-Channel MOSFET
Mar,2020 V1.0
logo
Littelfuse
254201 LITTELFUSE-254201 Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
logo
SUYIN USA, INC.
254201MR SUYIN-USA-254201MR Datasheet
247Kb / 1P
2.54mm PITCH CENTER SINGLE ROW PIN WAFER BREAKABLE Right Angle Type
254201MS SUYIN-USA-254201MS Datasheet
256Kb / 1P
2.54mm PITCH CENTER SINGLE PIN WAFER BREAKABLE S/T DIP TYPE
logo
Littelfuse
254202 LITTELFUSE-254202 Datasheet
102Kb / 1P
Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
More results

同様の説明 - 2542

メーカー部品番号データシート部品情報
logo
Rhombus Industries Inc.
T-693 RHOMBUS-IND-T-693 Datasheet
37Kb / 1P
SWITCH MODE TRANSFORMER
T-1037 RHOMBUS-IND-T-1037 Datasheet
38Kb / 1P
SWITCH MODE TRANSFORMER
T-1307 RHOMBUS-IND-T-1307_1 Datasheet
39Kb / 1P
SWITCH MODE TRANSFORMER
logo
Allied Components Inter...
AEE13-3740 ALLIED-AEE13-3740 Datasheet
536Kb / 2P
Switch Mode Transformer
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Coilcraft lnc.
RA6999 COILCRAFT-RA6999_14 Datasheet
187Kb / 1P
Forward Mode Transformer
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
logo
List of Unclassifed Man...
ZMPT101B ETC2-ZMPT101B Datasheet
117Kb / 4P
ZMPT101B(ZMPT107) voltage transformer operating guide
logo
Pulse A Technitrol Comp...
PH0256NL PULSE-PH0256NL Datasheet
621Kb / 4P
Switch Mode Transformer for AC/DC offline Applications
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com