データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2542 データシート(PDF) 5 Page - Pulse A Technitrol Company

部品番号 2542
部品情報  SWITCH-MODE TRANSFORMER GUIDE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

2542 データシート(HTML) 5 Page - Pulse A Technitrol Company

  2542 Datasheet HTML 1Page - Pulse A Technitrol Company 2542 Datasheet HTML 2Page - Pulse A Technitrol Company 2542 Datasheet HTML 3Page - Pulse A Technitrol Company 2542 Datasheet HTML 4Page - Pulse A Technitrol Company 2542 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
50
www.pulseeng.com
G003.U (2/07)
SLOT SMT CCFL
Series 7001 – Switch-Mode Transformers for Cold-Cathode
Florescent Lamp (CCFL) Inverters
Applications
These transformers are mainly intended to be used as Switch-ModeTransformers for
LCD TV sets from 15” to 37”, as DC/AC inverters for CCFL backlight or supplied as
complete inverter backlight board to be assembled to the LCD panel for its power supply.
Features
The magnetic circuit of these transformers consists of two UI (FRM)-/EFD-type, low-profile
ferrite cores having rectangular central leg where the windings and the air gap are placed
Maximum Output Power: 6 W @ 50 kHz
Slot technology, copper wire windings
Non-potted construction
Start-up Output Voltage: 2 kVrms; Open Output Voltage: 1.6k Vrms; Lamp Voltage: 750 Vrms
Mechanical and Magnetic Data
Low-profile, horizontal SMD coil-formers result in a component height down
to 5mm above the PCB
Maximum horizontal dimensions: 32mm x 21mm
Options
Customized electrical design and pinout
Wide core shapes and size range availability: UI-8.8~17, EFD-10~25
Potted construction on request
LCD TV & PLASMA TV COMPONENTS
(continued)
Active PFC Coil
Series 2182.5 – Power-Factor-Correction Coil
Applications
This choke is mainly intended to be used as harmonics coils for high-end 22” LCD TV sets to make
them comply with the EN61000-3-2 standard. The most suitable circuit topology for this choke is a
transition-mode controlled boost DC/DC converter (i.e. MC33262 from ON Semiconductor). The
common range of operation for this choke is from 50-150 kHz.
Features
Magnetic circuit of chokes consists of EE-type ferrite core having a squared central leg where
the windings and the air gap are placed
Maximum primary power: 100 W @ 100 kHz
Layer technology, enameled Lizt wire are recommended for proximity and skin effect reduction
Mechanical and Magnetic Data
Pin-out configuration: 10 dual-in-line pins (5+5) with 25mm spacing
and 5mm pitch
The ferrite core is E30/15/7-type, resulting in a component height
down to 22mm above the PCB
Maximum horizontal dimensions: 24mm x 30mm
Options
Customized electrical design and pinout
CONSUMER PRODUCTS
For more information, contact Pulse Consumer Division Applications Engineering via e-mail at: consumer@pulseeng.com.
Consumer Products


同様の部品番号 - 2542

メーカー部品番号データシート部品情報
logo
Shenzhen Tuofeng Semico...
2542 TUOFENG-2542 Datasheet
5Mb / 5P
   Dual N-Channel MOSFET
Mar,2020 V1.0
logo
Littelfuse
254201 LITTELFUSE-254201 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
logo
SUYIN USA, INC.
254201MR SUYIN-USA-254201MR Datasheet
247Kb / 1P
   2.54mm PITCH CENTER SINGLE ROW PIN WAFER BREAKABLE Right Angle Type
254201MS SUYIN-USA-254201MS Datasheet
256Kb / 1P
   2.54mm PITCH CENTER SINGLE PIN WAFER BREAKABLE S/T DIP TYPE
logo
Littelfuse
254202 LITTELFUSE-254202 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
More results

同様の説明 - 2542

メーカー部品番号データシート部品情報
logo
Rhombus Industries Inc.
T-1307 RHOMBUS-IND-T-1307_1 Datasheet
39Kb / 1P
   SWITCH MODE TRANSFORMER
logo
Allied Components Inter...
AEE13-3740 ALLIED-AEE13-3740 Datasheet
536Kb / 2P
   Switch Mode Transformer
logo
Rhombus Industries Inc.
T-693 RHOMBUS-IND-T-693 Datasheet
37Kb / 1P
   SWITCH MODE TRANSFORMER
T-1037 RHOMBUS-IND-T-1037 Datasheet
38Kb / 1P
   SWITCH MODE TRANSFORMER
logo
Pulse A Technitrol Comp...
PH0256NL PULSE-PH0256NL Datasheet
621Kb / 4P
   Switch Mode Transformer for AC/DC offline Applications
logo
List of Unclassifed Man...
ZMPT101B ETC2-ZMPT101B Datasheet
117Kb / 4P
   ZMPT101B(ZMPT107) voltage transformer operating guide
logo
Coilcraft lnc.
RA6999 COILCRAFT-RA6999_14 Datasheet
187Kb / 1P
   Forward Mode Transformer
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
   Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com