データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1417886 データシート(PDF) 2 Page - PHOENIX CONTACT

部品番号 1417886
部品情報  Sensor/Actuator cable - SAC-3P-MS/ 5,0-542/FSSH SCO BK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHOENIX [PHOENIX CONTACT]
ホームページ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1417886 データシート(HTML) 2 Page - PHOENIX CONTACT

  1417886 Datasheet HTML 1Page - PHOENIX CONTACT 1417886 Datasheet HTML 2Page - PHOENIX CONTACT 1417886 Datasheet HTML 3Page - PHOENIX CONTACT 1417886 Datasheet HTML 4Page - PHOENIX CONTACT 1417886 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/1417886
08/15/2016   Page 2 / 5
Sensor/Actuator cable - SAC-3P-MS/ 5,0-542/FSSH SCO BK - 1417886
Technical data
General
Degree of pollution
3
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm (M12 connector)
Material
Flammability rating according to UL 94
HB
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing
Material, knurls
Zinc die-cast, nickel-plated
Sealing material
NBR
Standards and Regulations
Standard designation
M12 connector
Standards/regulations
IEC 61076-2-101
Flammability rating according to UL 94
HB
Cable
Cable type
PVC yellow 105 °C
Cable type (abbreviation)
542
UL AWM style
2517 (105°C/300 V)
AWG signal line
22
Core diameter including insulation
1.27 mm ±0.03 mm
Wire colors
brown, blue, black
Overall twist
3 wires, twisted
Shielding
Tinned copper braided shield
Optical shield covering
85 %
External sheath, color
yellow
External cable diameter D
5.2 mm ±0.2 mm
Minimum bending radius, flexible installation
12 x D
Cable weight
40 kg/km
Outer sheath, material
PVC
Material conductor insulation
PVC
Conductor material
Tin-plated Cu litz wires
Insulation resistance
≥ (550 M Ohms/m @ 500V)
Conductor resistance
max. 50.5 Ω/km (20° C)
Nominal voltage, cable
300 V
Special properties
UL standards PLTC and ITC


同様の部品番号 - 1417886

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1417880 PHOENIX-1417880 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/ 5,0-542/ FS SCO BK
1417881 PHOENIX-1417881 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/10,0-542/ FS SCO BK
1417882 PHOENIX-1417882 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/15,0-542/ FS SCO BK
1417884 PHOENIX-1417884 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/20,0-542/ FS SCO BK
1417885 PHOENIX-1417885 Datasheet
106Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/ 3,0-542/FSSH SCO BK
More results

同様の説明 - 1417886

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
1417908 PHOENIX-1417908 Datasheet
113Kb / 6P
   Sensor/Actuator cable - SAC-5P-MS/ 5,0-542/FSSH SCO BK
1417923 PHOENIX-1417923 Datasheet
125Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/ 5,0-542/FSSH SCO BK
1417897 PHOENIX-1417897 Datasheet
99Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/ 5,0-542/FSSH SCO BK
1417885 PHOENIX-1417885 Datasheet
106Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/ 3,0-542/FSSH SCO BK
1417887 PHOENIX-1417887 Datasheet
106Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/10,0-542/FSSH SCO BK
1417888 PHOENIX-1417888 Datasheet
106Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/15,0-542/FSSH SCO BK
1417889 PHOENIX-1417889 Datasheet
106Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/20,0-542/FSSH SCO BK
1417880 PHOENIX-1417880 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/ 5,0-542/ FS SCO BK
1417925 PHOENIX-1417925 Datasheet
125Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/15,0-542/FSSH SCO BK
1417907 PHOENIX-1417907 Datasheet
111Kb / 6P
   Sensor/Actuator cable - SAC-5P-MS/ 3,0-542/FSSH SCO BK
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com